Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS395 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74LS395
Description  4-Bit Shift Register with TRI-STATE Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74LS395 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74LS395 Datasheet HTML 1Page - National Semiconductor (TI) 74LS395 Datasheet HTML 2Page - National Semiconductor (TI) 74LS395 Datasheet HTML 3Page - National Semiconductor (TI) 74LS395 Datasheet HTML 4Page - National Semiconductor (TI) 74LS395 Datasheet HTML 5Page - National Semiconductor (TI) 74LS395 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note)
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
475
5
525
V
VIH
High Level Input Voltage
2
V
VIL
Low Level Input Voltage
08
V
IOH
High Level Output Current
b
04
mA
IOL
Low Level Output Current
8
mA
TA
Free Air Operating Temperature
0
70
C
ts (H)
Setup Time HIGH or LOW
20
ns
ts (L)
S DS or Pn to CP
20
th (H)
Hold Time HIGH or LOW
5
ns
th (L)
S DS or Pn to CP
5
tw (L)
CP Pulse Width LOW
18
ns
tw (L)
MR Pulse Width LOW
20
ns
Electrical Characteristics Over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb18 mA
b
15
V
VOH
High Level Output
VCC e Min IOH e Max
27
V
Voltage
VIL e Max
VOL
Low Level Output
VCC e Min IOL e Max
035
05
Voltage
VIH e Min
V
IOL e 4 mA VCC e Min
025
04
II
Input Current
Max
VCC e Max VI e 7V
01
mA
Input Voltage
IIH
High Level Input Current
VCC e Max VI e 27V
20
m
A
IIL
Low Level Input Current
VCC e Max VI e 04V
b
04
mA
IOS
Short Circuit Output Current
VCC e Max (Note 2)
b
20
b
100
mA
ICC
Supply Current with
VCC e Max OE DS S e 45V
29
mA
Outputs OFF
CP e
K Pn e GND
Supply Current with
VCC e Max DS S e 45V
25
mA
Outputs ON
OE CP Pn e GND
IOZH
TRI-STATE Output Off
VCC e VCCH
20
m
A
Current HIGH
VOZH e 27V
IOZL
TRI-STATE Output Off
VCC e VCCH
b
20
m
A
Current LOW
VOZL e 04V
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time and the duration should not exceed one second
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com