Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM331 Datasheet(PDF) 3 Page - ELM Electronics

Part # ELM331
Description  Solid State Thermostat
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM331 Datasheet(HTML) 3 Page - ELM Electronics

  ELM331 Datasheet HTML 1Page - ELM Electronics ELM331 Datasheet HTML 2Page - ELM Electronics ELM331 Datasheet HTML 3Page - ELM Electronics ELM331 Datasheet HTML 4Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
ELM331
Electrical Characteristics
Absolute Maximum Ratings
Storage Temperature....................... -65°C to +150°C
Ambient Temperature with
Power Applied....................................-40°C to +85°C
Voltage on VDD with respect to VSS............ 0 to +7.5V
Voltage on any other pin with
respect to VSS........................... -0.6V to (VDD + 0.6V)
Note:
Stresses beyond those listed here will likely damage
the device. These values are given as a design
guideline only. The ability to operate to these levels
is neither inferred nor recommended.
3 of 4
All values are for operation at 25°C and a 5V supply, unless otherwise noted. For further information, refer to note 1 below.
Characteristic
Minimum
Typical
Maximum
Conditions
Units
Supply Voltage, VDD
3.0
5.0
5.5
V
VDD rate of rise
0.05
V/ms
Average Supply Current, IDD
1.0
2.4
mA
VDD = 5V, see note 3
VDD = 3V, see note 3
0.6
2.4
mA
Notes: 1. This integrated circuit is produced with a Microchip Technology Inc.’s PIC12C5XX as the core embedded
microcontroller. For further device specifications, and possibly clarification of those given, please refer to the
appropriate Microchip documentation.
2. This spec must be met in order to ensure that a correct power on reset occurs. It is quite easily achieved
using most common types of supplies, but may be violated if one uses a slowly varying supply voltage, as
may be obtained through direct connection to solar cells, or some charge pump circuits.
3. Device only. Does not include any LED or drive currents.
4. If a measured resistance is determined to be out of limits, the frequency of measurements is increased to
provide visual feedback as well as a faster recovery.
5. The value of the pullup resistance is supply and temperature dependent.
6. One should also maintain R1
and R2 to not less than about 5K
Ω. When C is chosen, select the pin 5 current
limiting resistance so that RLIMC is less than 1msec, and RLIM is greater than 1K
Ω.
Frequency of measurements
2.0
sec
see note 4
Input low voltage - reset pin
VSS
0.15 VDD
V
Input high voltage - reset pin
VDD
V
0.85 VDD
Output low voltage
0.6
V
Output high voltage
V
VDD - 0.7
Current (sink) = 8.7mA
Current (source) = 5.4mA
Reset pin internal pullup resistance
300
470
600
K
Ω
see note 5
R1C
or R2C time constant
500
500,000
µs
see note 6
see note 2
ELM331DSB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com