Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTE-R38381S-ZF-U Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTE-R38381S-ZF-U
Description  IR Emitter and Detector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTE-R38381S-ZF-U Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTE-R38381S-ZF-U Datasheet HTML 1Page - Lite-On Technology Corporation LTE-R38381S-ZF-U Datasheet HTML 2Page - Lite-On Technology Corporation LTE-R38381S-ZF-U Datasheet HTML 3Page - Lite-On Technology Corporation LTE-R38381S-ZF-U Datasheet HTML 4Page - Lite-On Technology Corporation LTE-R38381S-ZF-U Datasheet HTML 5Page - Lite-On Technology Corporation LTE-R38381S-ZF-U Datasheet HTML 6Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3/6
Part No. : LTE-R38381S-ZF-U
BNS-OD-FC 002/A4
IR Emitter and Detector
LTE-R38381S-ZF-U
5. Typical Electrical / Optical Characteristics Curves
(25°C Ambient Temperature Unless Otherwise Noted)
1000
800
600
400
200
0
0.5
1.0
1040
940
840
1.2
1
0.8
0.6
0.4
0.2
Wavelength (nm)
FIG.1 SPECTRAL DISTRIBUTION
0
AMBIENT TEMPERATURE
FIG.2 FORWARD CURRENT VS.
Ambient Temperature Ta ( C)
o
100
-40
0
-20
20
60
40
80
Ambient Temperature Ta ( C)
VS. AMBIENT TEMPERATURE
FIG.4 RELATIVE RADIANT INTENSITY
-20
0.6
0.2
0
0.4
0.8
1.0
1.2
60
40
20
0
o
80
0
2.5
FORWARD VOLTAGE
FIG.3 FORWARD CURRENT VS.
Forward Voltage (V)
2.0
0
4.0
3.5
3.0
1.0
2.0
0
3.0
4.0
5.0
2
VS. FORWARD CURRENT
FIG.5 RELATIVE RADIANT INTENSITY
Foward Current (A)
1
0
4
3
5
FIG.6 RADIATION DIAGRAM
0.6
0.5 0.3
0.1
0.2 0.4
0
20
10
o
o
o
80
o
90
o
70
60
o
o
50
40
o
o
30
o
0.9
0.7
0.8
1.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com