Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL4502 Datasheet(PDF) 7 Page - Texas Instruments

Part # HCPL4502
Description  OPTOCOUPLERS/OPTOISOLATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HCPL4502 Datasheet(HTML) 7 Page - Texas Instruments

  HCPL4502 Datasheet HTML 1Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 1 page
background image
6N135, 6N136, HCPL4502
OPTOCOUPLERS/OPTOISOLATORS
SOES022A – JULY 1986 – REVISED APRIL 1998
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 3
10
8
4
2
0
18
6
1.1
1.2
1.3
1.4
14
12
16
INPUT-DIODE FORWARD CURRENT
vs
FORWARD VOLTAGE
20
1.5
1.6
1.7
VF – Forward Voltage – V
TA = 25°C
Figure 4
7
5
3
0
04
6
10
9
6N135
CURRENT TRANSFER CHARACTERISTICS
12
14
16
28
12
11
10
8
6
4
2
1
VO – Output Voltage – V
VCC = 5 V
TA = 25°C
IF = 40 mA
IF = 35 mA
IF = 30 mA
IF = 25 mA
IF = 20mA
IF = 15mA
IF = 10mA
IF = 5 mA
Figure 5
0.6
0
1.2
1
2
4
7
10
40
100
CURRENT TRANSFER RATIO (NORMALIZED)
vs
INPUT DIODE FORWARD CURRENT
20
70
1.1
1
0.9
0.8
0.7
0.5
0.4
0.3
0.2
0.1
IF – Input Diode Forward Current – mA
6N136
HCPL4502
6N135
VCC = 5 V
VO = 0.4 V
TA = 25°C
Normalized to IF = 16 mA
Figure 6
0.9
0.8
0.7
0.6
1
CURRENT TRANSFER RATIO (NORMALIZED)
vs
FREE-AIR TEMPERATURE
1.1
– 60
– 40
– 20
0
20
40
60
80
100
TA – Free-Air Temperature – °C
VCC = 5 V
VO = 0.4 V
IF = 16 mA
6N135
6N136,
HCPL4502



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com