Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL4502 Datasheet(PDF) 1 Page - Texas Instruments

Part # HCPL4502
Description  OPTOCOUPLERS/OPTOISOLATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HCPL4502 Datasheet(HTML) 1 Page - Texas Instruments

  HCPL4502 Datasheet HTML 1Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6N135, 6N136, HCPL4502
OPTOCOUPLERS/OPTOISOLATORS
SOES022A – JULY 1986 – REVISED APRIL 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Compatible with TTL Inputs
D High-Speed Switching...1 Mbit/s Typ
D Bandwidth ...2 MHz Typ
D High Common-Mode Transient
Immunity . . . 1000 V/
µs Typ
D High-Voltage Electrical
Insulation . . . 3000 Vdc Min
D Open-Collector Output
D UL Recognized... File Number 65085
description
These high-speed optocouplers are designed for use in analog or digital interface applications that require
high-voltage isolation between the input and output. Applications include line receivers that require high
common-mode transient immunity, and analog or logic circuits that require input-to-output electrical isolation.
The 6N135, 6N136, and HCPL4502 optocouplers each consists of a light-emitting diode and an integrated
photon detector composed of a photodiode and an open-collector output transistor. Separate connections are
provided for the photodiode bias and the transistor-collector output. This feature, which reduces the transistor
base-to-collector capacitance, results in speeds up to one hundred times that of a conventional phototransistor
optocoupler.
The 6N135 is designed for TTL/CMOS, TTL/LSTTL, and wide-band analog applications.
The 6N136 and HCPL4502 are designed for high-speed TTL/TTL applications. The HCPL4502 has no base
connection.
schematic
VCC
BASE: 6N135, 6N136
OPEN: HCPL4502
OUTPUT
GND
8
7
6
5
2
3
ANODE
CATHODE
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
NC
ANODE
CATHODE
NC
VCC
BASE/OPEN†
OUTPUT
GND
6N135, 6N136, OR HCPL4502 PACKAGE
(TOP VIEW)
† Terminal 7 is BASE on the 6N135 and
6N136 and OPEN on the HCPL4502
NC – No internal connection


Similar Part No. - HCPL4502

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
High Speed Transistor Optocouplers
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
High Speed Transistor Optocouplers
HCPL4502 FAIRCHILD-HCPL4502 Datasheet
325Kb / 12P
High Speed Transistor Optocouplers
HCPL4502M FAIRCHILD-HCPL4502M Datasheet
363Kb / 13P
High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
High Speed Transistor Optocouplers
More results

Similar Description - HCPL4502

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNC7S101 PANASONIC-CNC7S101 Datasheet
92Kb / 4P
Optoisolators
logo
Texas Instruments
MOC3020 TI-MOC3020 Datasheet
132Kb / 7P
OPTOCOUPLERS/OPTOISOLATORS
HCPL2530 TI-HCPL2530 Datasheet
582Kb / 12P
OPTOCOUPLERS/OPTOISOLATORS
TIL3020 TI-TIL3020 Datasheet
94Kb / 7P
OPTOCOUPLERS/OPTOISOLATORS
TIL917 TI-TIL917 Datasheet
119Kb / 7P
SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
TIL3009 TI-TIL3009 Datasheet
104Kb / 7P
OPTOCOUPLERS/OPTOISOLATORS
TIL187-1 TI-TIL187-1 Datasheet
312Kb / 9P
AC-INPUT OPTOCOUPLERS/OPTOISOLATORS
TIL189-1 TI-TIL189-1 Datasheet
305Kb / 9P
OPTOCOUPLERS/OPTOISOLATORS
MOC3009 TI-MOC3009 Datasheet
96Kb / 7P
OPTOCOUPLERS/OPTOISOLATORS
TIL923 TI-TIL923 Datasheet
146Kb / 8P
SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS/OPTOISOLATORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com