Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL4502 Datasheet(PDF) 3 Page - Texas Instruments

Part # HCPL4502
Description  OPTOCOUPLERS/OPTOISOLATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HCPL4502 Datasheet(HTML) 3 Page - Texas Instruments

  HCPL4502 Datasheet HTML 1Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 1 page
background image
6N135, 6N136, HCPL4502
OPTOCOUPLERS/OPTOISOLATORS
SOES022A – JULY 1986 – REVISED APRIL 1998
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over operating free-air temperature range of 0
°C to 70°C (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
6N135
6N136, HCPL4502
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VF‡
Input forward voltage
IF = 16 mA,
TA = 25°C
1.6
1.7
1.6
1.7
V
∝VF
Temperature coefficient of
forward voltage
IF = 16 mA
– 1.8
– 1.8
mV/
°C
VBR‡
Input breakdown voltage
IR = 10 µA,
TA = 25°C
5
5
V
VOL
Low level output voltage
VCC = 4.5 V,
IF 16 mA
IOL = 1.1 mA
0.1
0.4
V
VOL
Low-level output voltage
IF = 16 mA,
IB = 0
IOL = 2.4 mA
0.1
0.4
V
I
‡
High level output current
IF = 0,
IB 0
VCC = VO = 5.5 V
3
500
3
500
nA
IOH‡
High-level output current
IB = 0,
TA = 25°C
VCC = VO = 15 V
0.01
1
0.01
1
µA
IOH
High-level output current
VCC = 15 V,
IF = 0,
VO = 15 V,
IB = 0
50
50
µA
ICCH‡
Supply current, high-level
output
VCC = 15 V,
IF = 0,
TA = 25°C
IO = 0,
IB = 0,
0.02
1
0.02
1
µA
ICCH
Supply current, high-level
output
VCC = 15 V,
IF = 0,
IO = 0,
IB = 0
2
2
µA
ICCL
Supply current, low-level
output
VCC = 15 V,
IF = 16 mA,
IO = 0,
IB = 0
40
40
µA
hFE
Transistor forward current
transfer ratio
VO = 5 V,
IO = 3 mA
100
100
(6N136
only)
CTR‡
Current transfer ratio
VCC = 4.5 V,
IF = 16 mA,
TA = 25°C,
VO = 0.4 V,
IB = 0,
See Note 5
7%
18%
19%
24%
CTR
Current transfer ratio
VCC = 4.5 V,
IF = 16 mA,
See Note 5
VO = 0.5 V,
IB = 0,
5%
15%
rIO
Input-output resistance
VIO = 500 V,
See Note 6
TA = 25°C,
1012
1012
Ω
IIO‡
Input-output insulation
leakage current
VIO = 3000 V,
TA = 25°C,
See Note 6
t = 5 s,
RH = 45%,
1
1
µA
Ci
Input capacitance
VF = 0,
f = 1 MHz
60
60
pF
Cio
Input-output capacitance
f = 1 MHz,
See Note 6
0.6
0.6
pF
† All typical values are at TA = 25°C.
‡ JEDEC registered data for 6N135 and 6N136
NOTES:
5. Current transfer ratio is defined as the ratio of output collector current IO to the forward LED input current IF times 100%.
6. These parameters are measured with terminals 2 and 3 shorted together and terminals 5, 6, 7, and 8 shorted together.



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com