Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR5KM Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # BCR5KM
Description  MEDIUM POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

BCR5KM Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  BCR5KM Datasheet HTML 1Page - Mitsubishi Electric Semiconductor BCR5KM Datasheet HTML 2Page - Mitsubishi Electric Semiconductor BCR5KM Datasheet HTML 3Page - Mitsubishi Electric Semiconductor BCR5KM Datasheet HTML 4Page - Mitsubishi Electric Semiconductor BCR5KM Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Feb.1999
V2. High sensitivity (IGT
≤ 10mA) is also available. (IGT item Œ)
V3. The contact thermal resistance Rth (c-f) in case of greasing is 0.5
°C/W.
IDRM
VTM
VFGT !
VRGT !
VRGT #
IFGT !
IRGT !
IRGT #
VGD
Rth (j-c)
Rth (j-a)
Tj=125
°C, VDRM applied
Tc=25
°C, ITM=7A, Instantaneous measurement
Tj=25
°C, VD=6V, RL=6Ω, RG=330Ω
Tj=25
°C, VD=6V, RL=6Ω, RG=330Ω
Tj=125
°C, VD=1/2VDRM
Junction to case V3
Junction to ambient
Unit
Repetitive peak off-state current
On-state voltage
Gate trigger voltage V2
Gate trigger current V2
Gate non-trigger voltage
Thermal resistance
Thermal resistance
Limits
Max.
2.0
1.5
1.5
1.5
1.5
15V2
15V2
15V2
—
3.8
50
!
@
#
!
@
#
Typ.
—
—
—
—
—
—
—
—
—
—
—
Min.
—
—
—
—
—
—
—
—
0.2
—
—
mA
V
V
V
V
mA
mA
mA
V
°C/W
°C/W
Symbol
Parameter
Test conditions
ELECTRICAL CHARACTERISTICS
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR5KM
MEDIUM POWER USE
INSULATED TYPE, PLANAR PASSIVATION TYPE
PERFORMANCE CURVES
MAXIMUM ON-STATE
CHARACTERISTICS
ON-STATE VOLTAGE (V)
RATED SURGE ON-STATE
CURRENT
CONDUCTION TIME
(CYCLES AT 60Hz)
3.8
0.6 1.0 1.4 1.8 2.2 2.6 3.0 3.4
102
7
5
3
2
101
7
5
3
2
100
7
5
3
2
10–1
TC = 25
°C
100
23
5 7 101
40
20
23
5 7 102
44
60
80
100
30
10
50
70
90
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com