Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD40D26MB Datasheet(PDF) 2 Page - Sumida Corporation

Part # CD40D26MB
Description  SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD40D26MB Datasheet(HTML) 2 Page - Sumida Corporation

  CD40D26MB Datasheet HTML 1Page - Sumida Corporation CD40D26MB Datasheet HTML 2Page - Sumida Corporation CD40D26MB Datasheet HTML 3Page - Sumida Corporation CD40D26MB Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics
Inductance
[Within]
(μH) ※1
Temperature
Rise Current
(A) ※3
Saturation Current
at 20℃(A) ※2
D.C.R. at 20℃
[Within] (mΩ)
Part Number
7.40
CD40D26MBNP-R20NC
0.20 ± 30%
9.20 ± 30%
14.40
5.80
CD40D26MBNP-R33NC
0.33 ± 30%
12.00 ± 30%
11.60
5.20
CD40D26MBNP-R56NC
0.56 ± 30%
15.00 ± 30%
9.40
5.00
CD40D26MBNP-R80NC
0.80 ± 30%
18.00 ± 30%
8.70
4.40
CD40D26MBNP-1R0NC
1.00 ± 30%
21.00 ± 30%
7.20
4.30
CD40D26MBNP-1R5MC
1.50 ± 20%
24.00 ± 30%
6.30
3.80
CD40D26MBNP-2R2MC
2.20 ± 20%
30.00 ± 30%
5.30
2.80
CD40D26MBNP-3R3MC
3.30 ± 20%
46.00 ± 30%
4.30
2.60
CD40D26MBNP-4R7MC
4.70 ± 20%
59.00 ± 30%
3.50
2.20
CD40D26MBNP-6R8MC
6.80 ± 20%
80.00 ± 30%
2.90
1.90
CD40D26MBNP-100MC
10.00 ± 20%
117 ± 30%
2.50
1.30
CD40D26MBNP-150MC
15.00 ± 20%
198 ± 30%
1.90
1.20
CD40D26MBNP-220MC
22.00 ± 20%
261 ± 30%
1.70
0.95
CD40D26MBNP-330MC
33.00 ± 20%
391 ± 30%
1.40
※1 Measuring frequency inductance at 100kHz,1V.
※2 Saturation current: This indicates the actual value of D.C. current when the inductance becomes 30% lower than its initial
value.
※3 Temperature rise current: The actual value of D.C. current when temperature of coil increased △T=40℃(Ta=20℃).
(The part is mounted on PCB to test.)
CD40D26MB
SMD Power Inductor
Solder Reflow Condition
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 2 of 4
Ver. 2018-05-02
WWW.SUMIDA.COM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com