Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD43T125 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CD43T125
Description  SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD43T125 Datasheet(HTML) 2 Page - Sumida Corporation

  CD43T125 Datasheet HTML 1Page - Sumida Corporation CD43T125 Datasheet HTML 2Page - Sumida Corporation CD43T125 Datasheet HTML 3Page - Sumida Corporation CD43T125 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Power Inductor
CD43/T125
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 2 of 4
Verr.1.0 (February 8, 2017)
www.sumida.com
Electrical Characteristics
Part No.
Inductance
(μH)
※1
D.C.R (mΩ)
TYP.
Saturation Current (A)
at 20
℃ TYP.
※2
Temperature Rise Current
(A) TYP. ※3
CD43T125NP -1R0MC
1.0 ±30%
24.0
6.50
3.50
CD43T125NP -1R4MC
1.4 ±30%
27.6
6.00
3.30
CD43T125NP -1R8MC
1.8±30%
32.0
5.50
3.00
CD43T125NP -2R2MC
2.2 ±30%
36.5
5.00
2.80
CD43T125NP -2R7MC
2.7 ±30%
40.7
4.50
2.70
CD43T125NP -3R3MC
3.3 ±30%
45.2
4.00
2.50
CD43T125NP -3R9MC
3.9 ±20%
62.3
3.80
2.30
CD43T125NP -4R7MC
4.7 ±20%
73.5
3.20
2.20
CD43T125NP -5R6MC
5.6 ±20%
80.2
3.00
2.00
CD43T125NP -6R8MC
6.8 ±20%
92.4
2.60
1.90
CD43T125NP -8R2MC
8.2 ±20%
106
2.50
1.70
CD43T125NP -100MC
10 ±20%
126
1.60
1.50
CD43T125NP -120MC
12 ±20%
140
1.30
1.45
CD43T125NP -150MC
15 ±20%
163
1.20
1.40
CD43T125NP -180MC
18 ±20%
221
1.00
1.20
CD43T125NP -220MC
22 ±20%
251
0.90
1.10
CD43T125NP -270MC
27 ±20%
330
0.80
0.95
CD43T125NP -330KC
33 ±20%
379
0.70
0.90
CD43T125NP -390KC
39 ±20%
419
0.65
0.80
CD43T125NP -470KC
47 ±20%
587
0.60
0.70
CD43T125NP -560KC
56 ±20%
651
0.50
0.65
CD43T125NP -680KC
68 ±20%
736
0.45
0.60
※ Measuring frequency inductance : 7.96MHz(1.0
μ H - 8.2μ H), 2.52MHz (10μ H - 68μ H)
※ Saturation current: DC current which becomes inductance value drop by 10% from the nominal value.
※ Temperature rise current: The value of D.C. current when the temperature of coil becomes ⊿T=40℃(Ta=20℃).
Please note that when using the product for automotive while applying current with audio-frequency (AF) signals
may result in audible noises due to magnetostriction. Also, in order to avoid noise problem, operating with Non-AF
signals would be recommended. The noise may amplify depending on the coil mount area on the PCB.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com