Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB78D68NP-R15MC Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDB78D68NP-R15MC
Description  SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDB78D68NP-R15MC Datasheet(HTML) 3 Page - Sumida Corporation

  CDB78D68NP-R15MC Datasheet HTML 1Page - Sumida Corporation CDB78D68NP-R15MC Datasheet HTML 2Page - Sumida Corporation CDB78D68NP-R15MC Datasheet HTML 3Page - Sumida Corporation CDB78D68NP-R15MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Electrical Characteristics
(μH) ※1
Part Number
[Within]
Inductance
125℃
20℃
Saturation Current
(A) ※2
D.C.R. at 20℃
[Within] (mΩ)
Temperature
Rise Current
(A) ※3
50.00
70.00
60.00
CDB78D68NP-R15MC
0.15 ± 20%
0.28 ± 10%
38.00
50.00
60.00
CDB78D68NP-R22MC
0.215 ± 20%
0.28 ± 10%
26.00
34.00
60.00
CDB78D68NP-R30MC
0.30 ± 20%
0.28 ± 10%
17.00
23.50
60.00
CDB78D68NP-R47MC
0.47 ± 20%
0.28 ± 10%
※1 Measuring frequency inductance at 1MHz.
※2 Saturation current: this indicates the actual value of D.C. current when the inductance becomes 20% lower than it’s initial
value..
※3 Temperature rise current: the actual value of D.C. current when temperature of coils becomes △T=40℃(Ta=20℃).
CDB78D68
SMD Power Inductor
Solder Reflow Condition
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 3 of 4
Ver. 2018-05-02
WWW.SUMIDA.COM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com