Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB87D10NP-R23MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDB87D10NP-R23MC
Description  SMD Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDB87D10NP-R23MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDB87D10NP-R23MC Datasheet HTML 1Page - Sumida Corporation CDB87D10NP-R23MC Datasheet HTML 2Page - Sumida Corporation CDB87D10NP-R23MC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Power Inductor
CDB87D10
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 2 of 3
Ver.0.0 (November 10, 2016)
www.sumida.com
Electrical Characteristics
Part No.
Inductance
(mH)
Within
D.C.R (
Ω)
Max. (Typ.)
at 20℃
Saturation Current (A)
(Typ.) *1
Temperature Rise
Current (A) Typ.
*2
at 25℃
at 100℃
at 125℃
CDB87D10NP-R23MC
0.23 ±20%
0.20m(0.19m)
(74.0)
(64.0)
(60.0)
(72.0)
Measuring frequency inductance at 1MHz.
*1 Saturation current: DC current which becomes inductance value drop by 20% from the initial value.
*2 Temperature rise current: The value of D.C. current when the temperature of coil becomes ⊿T=40℃(Ta=20℃).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com