Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB87D78NP-R15MC Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDB87D78NP-R15MC
Description  SMD Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDB87D78NP-R15MC Datasheet(HTML) 3 Page - Sumida Corporation

  CDB87D78NP-R15MC Datasheet HTML 1Page - Sumida Corporation CDB87D78NP-R15MC Datasheet HTML 2Page - Sumida Corporation CDB87D78NP-R15MC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Power Inductor
CDB87D78
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 3 of 3
Ver.0.0 (November 10, 2016)
www.sumida.com
CDB87D78NP-R15MC
For sales office information, please click here to visit our website.
0.0
10.0
20.0
30.0
40.0
50.0
60.0
0.00
0.03
0.06
0.09
0.12
0.15
0.18
0
10
20
30
40
50
60
70
80
90
DC(A)
Saturation Current & Temperature Rise Graph
L (20℃)
L (100℃)
⊿T



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com