Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEP1519B Datasheet(PDF) 2 Page - Sumida Corporation

Part # DEP1519B
Description  Pin(THT) Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

DEP1519B Datasheet(HTML) 2 Page - Sumida Corporation

  DEP1519B Datasheet HTML 1Page - Sumida Corporation DEP1519B Datasheet HTML 2Page - Sumida Corporation DEP1519B Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Pin(THT) Power Inductor
DEP1519B
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 2 of 3
Version 1.0 (October 19, 2018)
www.sumida.com
Electrical Characteristics
※1 Measuring frequency Inductance at 1kHz,1V
※2 Saturation current: The value of DC current when the inductance is over 75% of its initial value. (at 25℃ )
※3 Temperature rise current: The actual value of DC current when temperature of coil rise is
△T=40℃(Ta=25℃)
Part No.
Stamp
Inductance
[Within]
(μH)※1
(1-2);(3-4)
D.C.R
(mΩ)
Max.(Typ.)
at 25℃
(1-2);(3-4)
Saturation
Current(A)※2
Max.(Typ.)
(1-2);(3-4)
Temperature
rise current (A)
Typ. ※3
(1-2);(3-4)
DEP1519BHF-100M
100M
10.0±20%
10.7(9.2)
26.0(32.7)
10.0(11.2)
DEP1519BHF-150M
150M
15.0±20%
10.7(9.2)
18.8(23.5)
10.0(11.2)
DEP1519BHF-220M
220M
22.0±20%
10.7(9.2)
13.2(16.5)
10.0(11.2)
DEP1519BHF-330M
330M
33.0±20%
10.7(9.2)
9.4(11.8)
10.0(11.2)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com