Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH38D11SLDNP-R72MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDH38D11SLDNP-R72MC
Description  SMD Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH38D11SLDNP-R72MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDH38D11SLDNP-R72MC Datasheet HTML 1Page - Sumida Corporation CDH38D11SLDNP-R72MC Datasheet HTML 2Page - Sumida Corporation CDH38D11SLDNP-R72MC Datasheet HTML 3Page - Sumida Corporation CDH38D11SLDNP-R72MC Datasheet HTML 4Page - Sumida Corporation CDH38D11SLDNP-R72MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 19-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDH38D11/SLD
Electrical Characteristics
※1. Inductance measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 70% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.45
0.36
1.0(0.83)
33
±20%
330
CDH38D11SLDNP-330MC
0.46
0.42
0.84(0.70)
27
±20%
270
CDH38D11SLDNP-270MC
0.49
0.44
0.73(0.61)
22
±20%
220
CDH38D11SLDNP-220MC
0.57
0.48
0.55(0.46)
18
±20%
180
CDH38D11SLDNP-180MC
0.67
0.52
0.49(0.41)
15
±20%
150
CDH38D11SLDNP-150MC
0.75
0.60
0.38(0.32)
12
±20%
120
CDH38D11SLDNP-120MC
0.78
0.64
336m(280m)
10
±20%
100
CDH38D11SLDNP-100MC
0.86
0.70
252m(210m)
8.2
±20%
8R2
CDH38D11SLDNP-8R2MC
0.92
0.75
228m(190m)
7.2
±20%
7R2
CDH38D11SLDNP-7R2MC
1.25
0.84
182.4m(152m)
5.8
±20%
5R8
CDH38D11SLDNP-5R8MC
1.30
0.90
171.6m(143m)
5.1
±20%
5R1
CDH38D11SLDNP-5R1MC
1.41
1.00
135.6m(113m)
4.2
±20%
4R2
CDH38D11SLDNP-4R2MC
1.47
1.10
129.6m(108m)
3.6
±20%
3R6
CDH38D11SLDNP-3R6MC
1.86
1.20
97.5m(78m)
2.9
±20%
2R9
CDH38D11SLDNP-2R9MC
1.88
1.30
93.8m(75m)
2.4
±20%
2R4
CDH38D11SLDNP-2R4MC
2.30
1.45
66.3m(53m)
1.9
±20%
1R9
CDH38D11SLDNP-1R9MC
2.70
1.80
55.0m(44m)
1.4
±20%
1R4
CDH38D11SLDNP-1R4MC
3.30
2.00
41.3m(33m)
1.0
±20%
1R0
CDH38D11SLDNP-1R0MC
3.40
2.40
36.3m(29m)
0.72
±20%
R72
CDH38D11SLDNP-R72MC
Temperature
Rise Current
(A)
※3
Saturation
Current
( A )
※2
D.C.R.(
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(
μH)
[ within ]
※1
Stamp
Part Name



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com