Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS482 Datasheet(PDF) 2 Page - Sharp Corporation

Part # IS482
Description  Low Voltage Operating and High Sensitivity Type OPIC Light Detectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS482 Datasheet(HTML) 2 Page - Sharp Corporation

  IS482 Datasheet HTML 1Page - Sharp Corporation IS482 Datasheet HTML 2Page - Sharp Corporation IS482 Datasheet HTML 3Page - Sharp Corporation IS482 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VCC
V
IOL
-mA
V OL
IOL
-
0.15
0.4
V
V OH
--
V
ICCL
-
3.8
mA
ICCH
-mA
E VHL
Ta= 25˚C
-
--
Ta= 25˚C
-
--
E VLH
Ta= 25˚C
-
--
Ta= 25˚C
-
--
E VLH /E VHL
Ta= 25˚C
-
E VHL /E VLH
Ta= 25˚C
RL
µ s
tr
tf
-
-
-
-
-
0.1
0.5
-
0.05
0.5
lx
lx
tPHL
tPLH
CC
(Ta=0 to 70˚C, V
=5V unless otherwise specified)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Low level output voltage
High level output voltage
Low level supply current
High level supply current
Hysteresis
Rise time
Fall time
Parameter
Symbol
MIN.
MAX.
Unit
Supply voltage
Output current
Peak sensitivity wavelength
λ P
-
900
nm
Conditions
In order to stabilize power supply line, connect a by-pass capacitor of 0.01
µ F or more
between Vcc and GND near the device.
IS481/IS482
IS481
IS482
IS481
IS482
*5
= 4mA,*4
*4
*5
= 1.2k
Ω
4.9
0.6
0.4
0.6
0.4
0.55
1.3
1.0
5.4
4.3
4.3
5.4
0.80
3.0
9.0
9.0
3.0
3.0
15
22
15
22
0.95
15
30
30
15
IS481
IS482
IS481
IS482
IS481
IS482
2.3
7.0
4.0
Recommended Operating Conditions
Test Circuit for Response Time (IS482)
*6
*7
*8
-
*8 Hysteresis standards for E
/E
(IS481) and E
/E
(IS482).
VLH
VHL
VHL
VLH
*5 Defines E =0 lx (IS481) and E =50 lx (IS482).
vv
*4 Defines E =50 lx (IS481) and E =0 lx (IS482).
vv
Ev= 50 lx
Test Circuit for Response Time (IS481)
"High
→Low"
threshold illuminance
"Low
→High"
threshold illuminance
Electro-optical Characteristics
"High
→Low"
propagation delay time
"Low
→High"
propagation delay time
(Ta=0 to +70˚C)
*6 E
represents illuminance by CIE standard light source A (tungsten lamp) when output changes from "high" to "low".
VHL
*7 E
represents illuminance by CIE standard light source A (tungsten lamp) when output changes from "low" to "high".
VLH
Vin
tr= tf= 0.01
µ s
Zo= 50
Ω
Vin
tr= tf= 0.01
µ s
Zo= 50
Ω
47
Ω
15k
Ω
5V
1.2k
Ω
0.01
µ F
47
Ω
15k
Ω
5V
1.2k
Ω
0.01
µ F
Input
Output
tPHL
VOL
tf
tr
10%
90%
VOH
1.5V
50%
tPLH
Input
Output
tPHL
VOL
tr
tf
10%
90%
VOH
1.5V
50%
tPLH
s
s
ss



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com