Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3501TL-21 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3501TL-21
Description  Synchronous Step-up DC/DC Converter for White LED Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3501TL-21 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3501TL-21 Datasheet HTML 1Page - National Semiconductor (TI) LM3501TL-21 Datasheet HTML 2Page - National Semiconductor (TI) LM3501TL-21 Datasheet HTML 3Page - National Semiconductor (TI) LM3501TL-21 Datasheet HTML 4Page - National Semiconductor (TI) LM3501TL-21 Datasheet HTML 5Page - National Semiconductor (TI) LM3501TL-21 Datasheet HTML 6Page - National Semiconductor (TI) LM3501TL-21 Datasheet HTML 7Page - National Semiconductor (TI) LM3501TL-21 Datasheet HTML 8Page - National Semiconductor (TI) LM3501TL-21 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Connection Diagram
Top View
20065302
8-bump micro SMD
Ordering Information
Order Number
Package Type
NSC Package Drawing
Top Mark
Supplied As
LM3501TL-16
micro SMD
TL08SSA
19
250 Units, Tape and Reel
LM3501TLX-16
micro SMD
TL08SSA
19
3000 Units, Tape and Reel
LM3501TL-21
micro SMD
TL08SSA
30
250 Units, Tape and Reel
LM3501TLX-21
micro SMD
TL08SSA
30
3000 Units, Tape and Reel
Pin Description/Functions
Pin
Name
Function
A1
AGND
Analog ground.
B1
V
IN
Analog and Power supply input.
C1
V
OUT
PMOS source connection for synchronous rectification.
C2
V
SW
Switch pin. Drain connections of both NMOS and PMOS power devices.
C3
GND
Power Ground.
B3
FB
Output voltage feedback connection.
A3
CNTRL
Analog LED current control.
A2
SHDN
Shutdown control pin.
AGND (pin A1): Analog ground pin. The analog ground pin
should tie directly to the GND pin.
V
IN (pin B1):Analog and Power supply pin. Bypass this pin
with a capacitor, as close to the device as possible, con-
nected between the V
IN and GND pins.
V
OUT (pin C1):Source connection of internal PMOS power
device. Connect the output capacitor between the V
OUT and
GND pins as close as possible to the device.
V
SW (pin C2):Drain connection of internal NMOS and PMOS
switch devices. Keep the inductor connection close to this
pin to minimize EMI radiation.
GND (pin C3):Power ground pin. Tie directly to ground
plane.
FB (pin B3):Output voltage feedback connection. Set the
primary White LED network current with a resistor from the
FB pin to GND. Keep the current setting resistor close to the
device and connected between the FB and GND pins.
CNTRL (pin A3): Analog control of LED current. A voltage
above 125 mV will begin to regulate the LED current. De-
creasing the voltage below 75 mV will turn off the LEDs.
SHDN (pin A2):Shutdown control pin. Disable the device
with a voltage less than 0.3V and enable the device with a
voltage greater than 1.1V. The white LED current can be
controlled using a PWM signal at this pin. There is an
internal pull down on the SHDN pin, the device is in a
normally off state.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com