Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE20 Datasheet(PDF) 19 Page - STMicroelectronics

Part # M45PE20
Description  2 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M45PE20 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M45PE20 Datasheet HTML 15Page - STMicroelectronics M45PE20 Datasheet HTML 16Page - STMicroelectronics M45PE20 Datasheet HTML 17Page - STMicroelectronics M45PE20 Datasheet HTML 18Page - STMicroelectronics M45PE20 Datasheet HTML 19Page - STMicroelectronics M45PE20 Datasheet HTML 20Page - STMicroelectronics M45PE20 Datasheet HTML 21Page - STMicroelectronics M45PE20 Datasheet HTML 22Page - STMicroelectronics M45PE20 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
19/35
M45PE20
Page Erase (PE)
The Page Erase (PE) instruction sets to 1 (FFh) all
bits inside the chosen page. Before it can be ac-
cepted, a Write Enable (WREN) instruction must
previously have been executed. After the Write
Enable (WREN) instruction has been decoded,
the device sets the Write Enable Latch (WEL).
The Page Erase (PE) instruction is entered by
driving Chip Select (S) Low, followed by the in-
struction code, and three address bytes on Serial
Data Input (D). Any address inside the Page is a
valid address for the Page Erase (PE) instruction.
Chip Select (S) must be driven Low for the entire
duration of the sequence.
The instruction sequence is shown in Figure 15..
Chip Select (S) must be driven High after the
eighth bit of the last address byte has been latched
in, otherwise the Page Erase (PE) instruction is
not executed. As soon as Chip Select (S) is driven
High, the self-timed Page Erase cycle (whose du-
ration is tPE) is initiated. While the Page Erase cy-
cle is in progress, the Status Register may be read
to check the value of the Write In Progress (WIP)
bit. The Write In Progress (WIP) bit is 1 during the
self-timed Page Erase cycle, and is 0 when it is
completed. At some unspecified time before the
cycle is complete, the Write Enable Latch (WEL)
bit is reset.
A Page Erase (PE) instruction applied to a page
that is Hardware Protected is not executed.
Any Page Erase (PE) instruction, while an Erase,
Program or Write cycle is in progress, is rejected
without having any effects on the cycle that is in
progress.
Figure 15. Page Erase (PE) Instruction Sequence
Note: Address bits A23 to A18 are Don’t Care.
24 Bit Address
C
D
AI04046
S
2
1
3456789
29 30 31
Instruction
0
23 22
2
0
1
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com