Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3722-2 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3722-2
Description  Synchronous Dual Mode Phase Modulated Full Bridge Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3722-2 Datasheet(HTML) 2 Page - Linear Technology

  LTC3722-2 Datasheet HTML 1Page - Linear Technology LTC3722-2 Datasheet HTML 2Page - Linear Technology LTC3722-2 Datasheet HTML 3Page - Linear Technology LTC3722-2 Datasheet HTML 4Page - Linear Technology LTC3722-2 Datasheet HTML 5Page - Linear Technology LTC3722-2 Datasheet HTML 6Page - Linear Technology LTC3722-2 Datasheet HTML 7Page - Linear Technology LTC3722-2 Datasheet HTML 8Page - Linear Technology LTC3722-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC3722-1/LTC3722-2
2
372212i
VCC to GND (Low Impedance Source) ......... –0.3 to 10V
(Chip Self Regulates at 10.3V)
UVLO to GND ................................................ –0.3 to VCC
All Other Pins to GND
(Low Impedance Source) ....................... –0.3 to 5.5V
VCC (Current Fed) ................................................. 25mA
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
VREF Output Current ................................ Self Regulated
Outputs (A,B,C,D,E,F) Current ..........................
±100mA
Operating Temperature Range (Note 6)
LTC3722E ........................................... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
LTC3722EGN-1
TJMAX = 125°C, θJA = 100°C/W
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
GN PACKAGE
24-LEAD NARROW PLASTIC SSOP
24
23
22
21
20
19
18
17
16
15
14
13
SYNC
DPRG
CS
COMP
RLEB
FB
SS
NC
PDLY
SBUS
ADLY
UVLO
CT
GND
PGND
OUTA
OUTB
OUTC
VCC
OUTD
OUTE
OUTF
VREF
SPRG
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ORDER PART
NUMBER
LTC3722EGN-2
TJMAX = 125°C, θJA = 100°C/W
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
GN PACKAGE
24-LEAD NARROW PLASTIC SSOP
24
23
22
21
20
19
18
17
16
15
14
13
SYNC
RAMP
CS
COMP
DPRG
FB
SS
NC
PDLY
SBUS
ADLY
UVLO
CT
GND
PGND
OUTA
OUTB
OUTC
VCC
OUTD
OUTE
OUTF
VREF
SPRG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com