Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3873AL-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC3873AL-AG6-R
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3873AL-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC3873AL-AG6-R Datasheet HTML 1Page - Unisonic Technologies UC3873AL-AG6-R Datasheet HTML 2Page - Unisonic Technologies UC3873AL-AG6-R Datasheet HTML 3Page - Unisonic Technologies UC3873AL-AG6-R Datasheet HTML 4Page - Unisonic Technologies UC3873AL-AG6-R Datasheet HTML 5Page - Unisonic Technologies UC3873AL-AG6-R Datasheet HTML 6Page - Unisonic Technologies UC3873AL-AG6-R Datasheet HTML 7Page - Unisonic Technologies UC3873AL-AG6-R Datasheet HTML 8Page - Unisonic Technologies UC3873AL-AG6-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC3873A
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 10
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R103-134.B
LOW COST POWER-SAVING
MODE PWM CONTROLLER
FOR FLYBACK CONVERTERS
DESCRIPTION
The UTC UC3873A is a high performance current mode PWM
controller ideally suited for low standby power. Low VDD startup
current make the power reliable on startup design and a large
value resistor could be used in the startup circuit to minimize the
standby power. At no load condition, the IC operates in
power-saving mode for lower standby power, decreasing frequency
for Higher conversion efficiency at light load condition.
The UTC UC3873A contains protection with automatic recovery
including OLP (over load protection), OCP (cycle-by-cycle current
limiting), and UVLO (VDD over voltage clamp and under voltage
lockout). It also provides the protections including OTP (over
temperature protection), OVP (over voltage protection) in UTC
UC3873A
with automatic recovery. To protect the power MOSFET,
Gate-drive output is fixed up to 16V max.
The internal slope compensation improves system stability at high PWM duty cycle output. Leading-edge
blanking on current sense input removes the signal glitch, which offering minimal external component count in the
design. Excellent EMI performance is achieved with UTC proprietary frequency hopping technique
(ZL201020615247.1) together with soft driver control. Audio noise is eliminated due to switch frequency more than
20kHz during operation.
The UTC UC3873A has such applications as: battery charger, power adaptor, set-top box power supplies, ink jet
printers, open-frame SMPS.
FEATURES
* UTC proprietary frequency hopping technology for Improved EMI
performance.
* Power-saving mode for high light-load and standby efficiency
* Soft Start
* Dynamic peak current limiting for constant output power
* Built-in synchronized slope compensation
* OLP with automatic recovery
* OTP and OVP( automatic recovery)
* VDD clamp for higher security
* Programming OTP for higher security
* Fixed switch frequency 65kHz
* Gate output voltage clamped at 16V
* Low start-up current
* Cycle-by-cycle current limiting
* Under voltage lockout (UVLO)
* Few external components required


Similar Part No. - UC3873AL-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3873 UTC-UC3873 Datasheet
375Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER FOR FLYBACK CONVERTERS
UC3873 UTC-UC3873 Datasheet
263Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3873B UTC-UC3873B Datasheet
335Kb / 9P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3873B UTC-UC3873B Datasheet
352Kb / 9P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3873BG-AG6-R UTC-UC3873BG-AG6-R Datasheet
335Kb / 9P
LOW COST POWER-SAVING MODE PWM CONTROLLER
More results

Similar Description - UC3873AL-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3800 UTC-UC3800 Datasheet
225Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3875C UTC-UC3875C Datasheet
295Kb / 9P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3973 UTC-UC3973 Datasheet
353Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
US4651S UTC-US4651S Datasheet
363Kb / 9P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3800 UTC-UC3800_18 Datasheet
221Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3856 UTC-UC3856_17 Datasheet
358Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3863 UTC-UC3863_17 Datasheet
262Kb / 9P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3873 UTC-UC3873_16 Datasheet
263Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3863A UTC-UC3863A Datasheet
342Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3875A UTC-UC3875A Datasheet
333Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com