Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3863AL-SH2-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UC3863AL-SH2-R
Description  LOW COST POWER-SAVING MODE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3863AL-SH2-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button UC3863AL-SH2-R Datasheet HTML 2Page - Unisonic Technologies UC3863AL-SH2-R Datasheet HTML 3Page - Unisonic Technologies UC3863AL-SH2-R Datasheet HTML 4Page - Unisonic Technologies UC3863AL-SH2-R Datasheet HTML 5Page - Unisonic Technologies UC3863AL-SH2-R Datasheet HTML 6Page - Unisonic Technologies UC3863AL-SH2-R Datasheet HTML 7Page - Unisonic Technologies UC3863AL-SH2-R Datasheet HTML 8Page - Unisonic Technologies UC3863AL-SH2-R Datasheet HTML 9Page - Unisonic Technologies UC3863AL-SH2-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
UC3863A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 10
www.unisonic.com.tw
QW-R103-148.B
REFRENCE CIRCUIT (12V/1.5A)
BOM
Reference
Component
Reference
Component
BD1
1N4007×4
L2
33μH 6×8mm
CX1 (Optional)
NC
Q1
4N65K
CY1 (Optional)
YC 102P/400V (Y1)
R1,R2
R 4.7MΩ 1206
C2
EC 33μF/400V 105°C
R3
R 200K
C1
EC 6.8μF/400V 105°C
R4 (Optional)
0Ω
C3
CC 0.001μF/1000V
R5
R 24.9Ω
C4
EC 10μF/50V
R6
R 42.21Ω 1206
C5,C13 (Optional)
CC 104P/50V
R7
R 0.66Ω 1W
C7 (Optional)
NC
R8
R 51kΩ 1206
C8
CC 103P/25V
R9
R 100kΩ 0805
C9
NC
R10
NC
C10
EC 470u/10V
R12
R 220Ω 0805
C11
EC 220u/10V
R13
R 1KΩ 0805
C12
CC 103P/50V 0805
R14
R 10KΩ 0805
C14
NC
R15
R 100kΩ 0805
D2
Diode FR107
R16
R 25.94kΩ 0805
D4 (Optional)
1N4148
T1
EE-219
D5
MBR10100
U1
IC UC3863A
F1
2A/250V
U2
TL431
L1
NC
U3
PC817



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com