Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPF672 Datasheet(PDF) 1 Page - TT Electronics.

Part # OPF672
Description  Fiber Optic Transmitter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPF672 Datasheet(HTML) 1 Page - TT Electronics.

  OPF672 Datasheet HTML 1Page - TT Electronics. OPF672 Datasheet HTML 2Page - TT Electronics. OPF672 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Fiber Optic Transmitter
OPF672, OPF673 Series
© TT electronics plc
Issue C
08/2016
Page 1
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
The OPF672 and OPF673 series fiber op c transmi ers are high performance devices packaged for data communica on
links. These transmi ers are an 850 nm GaAlAs LED and are specifically designed to efficiently launch op cal power into
either 50/125µm or 62.5/125µm diameter mul mode fiber. Three power ranges with upper and lower limits are offered,
which allows the designer to select a device best suited for the applica on.
The OPF672 is offered a standard profile, metal ST receptacle and the OPF673 is offered in a low profile version. These
products combina on of features including high speed and efficient coupled power makes it an ideal transmi er for
integra on into all types of data communica ons equipment.
Applications:
•
Industrial Ethernet equipment
•
Copper-to-fiber media conversion
•
Intra-system fiber op c links
•
Video surveillance systems
Features:
• Low cost 850 nm LED technology
• High thermal stability
• High op cal coupling efficiency to mul mode fiber
• Standard and low profile metal ST* style receptacles
• Industrial temperature range
OPF672
OPF673
Ordering Informa on
Part Number
LED Peak
Wavelength
PT50 (dBm)
Min / Max
Tr, Tf (ns)
Typ / Max
OPF672-1; OPF673-1
850nm
-17.5/-15.2 8.0/10.0
OPF672-2; OPF673-2
850nm
-16.0/-13.0 8.0/10.0
OPF672-x
OPF673-x
RoHS


Similar Part No. - OPF672

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPF672 OPTEK-OPF672 Datasheet
744Kb / 3P
Fiber Optic Transmitter
OPF672-1 OPTEK-OPF672-1 Datasheet
744Kb / 3P
Fiber Optic Transmitter
OPF672-2 OPTEK-OPF672-2 Datasheet
744Kb / 3P
Fiber Optic Transmitter
OPF672-3 OPTEK-OPF672-3 Datasheet
744Kb / 3P
Fiber Optic Transmitter
More results

Similar Description - OPF672

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MOF-T3C2 UOT-MOF-T3C2 Datasheet
335Kb / 4P
Fiber Optic Transmitter
MOF-T3C5 UOT-MOF-T3C5 Datasheet
42Kb / 4P
Fiber Optic Transmitter
MOF-T3C6 UOT-MOF-T3C6 Datasheet
383Kb / 4P
Fiber Optic Transmitter
MOF-T4K2 UOT-MOF-T4K2 Datasheet
46Kb / 4P
Fiber Optic Transmitter
MOF-T2C4 UOT-MOF-T2C4 Datasheet
44Kb / 4P
Fiber Optic Transmitter
logo
OPTEK Technologies
OPF390A OPTEK-OPF390A_14 Datasheet
247Kb / 3P
Fiber Optic Transmitter
OPF395A OPTEK-OPF395A_14 Datasheet
247Kb / 3P
Fiber Optic Transmitter
logo
TT Electronics.
OPF320 TTELEC-OPF320 Datasheet
770Kb / 4P
Fiber Optic Transmitter
OPF342A TTELEC-OPF342A Datasheet
752Kb / 4P
Fiber Optic Transmitter
OPF372 TTELEC-OPF372 Datasheet
756Kb / 4P
Fiber Optic Transmitter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com