Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCC122 Datasheet(PDF) 2 Page - IXYS Corporation

Part # MCC122
Description  Thyristor Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCC122 Datasheet(HTML) 2 Page - IXYS Corporation

  MCC122 Datasheet HTML 1Page - IXYS Corporation MCC122 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2000 IXYS All rights reserved
2 - 2
MCC 122
Symbol
Conditions
Characteristic Values
I
RRM, IDRM
T
VJ = TVJM; VR = VRRM; VD = VDRM
10
mA
V
T, VF
I
T, IF = 120 A; TVJ = 25°C
1.13
V
V
T0
T
VJ = 125°C; For power-loss calculations only
0.85
V
r
T
T
VJ = TVJM
2m
W
V
GT
V
D = 6 V;
T
VJ =
25°C
1.4
V
T
VJ = -40°C
1.6
V
I
GT
V
D = 6 V;
T
VJ =
25°C
150
mA
T
VJ = -40°C
200
mA
V
GD
T
VJ = TVJM; VD =
2/
3 VDRM
0.2
V
I
GD
10
mA
I
L
T
VJ = 25°C; tP = 10 µs, VD = 6 V
300
mA
I
G = 0.45 A; diG/dt = 0.45 A/µs
I
H
T
VJ = 25°C; VD = 6 V; RGK =
¥
200
mA
t
gd
T
VJ = 25°C; VD = ½ VDRM
2µs
I
G = 0.45 A; diG/dt = 0.45 A/µs
t
q
T
VJ = TVJM; IT = 120 A, tP = 200 µs; -di/dt = 10 A/µstyp.
150
µs
V
R = 100 V; dv/dt = 20 V/µs; VD =
2/
3 VDRM
Q
S
T
VJ = TVJM; IT, IF = 200 A, -di/dt = 50 A/µs
330
µC
I
RM
180
A
R
thJC
per thyristor/diode; DC current
0.2
K/W
per module
0.1
K/W
R
thCH
per thyristor/diode; DC current
typ.
0.1
K/W
d
S
Creepage distance on surface
12.7
mm
d
A
Strike distance through air
9.6
mm
a
Maximum allowable acceleration
50
m/s2
Optional accessories for modules
Keyed gate/cathode twin plugs with wire length = 350 mm, gate = yellow, cathode = red
Type ZY 180L (L = Left for pin pair 4/5)
UL Styles 1385,
Type ZY 180R (R = right for pin pair 6/7)
CSA Class 5851, File 41234



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com