Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSHD-5601 Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LSHD-5601
Description  0.56 inch (14.22mm) DIGIT HEIGHT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LSHD-5601 Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LSHD-5601 Datasheet HTML 1Page - Lite-On Technology Corporation LSHD-5601 Datasheet HTML 2Page - Lite-On Technology Corporation LSHD-5601 Datasheet HTML 3Page - Lite-On Technology Corporation LSHD-5601 Datasheet HTML 4Page - Lite-On Technology Corporation LSHD-5601 Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
  
 

 

 !!""#$$ $ 
% &'$(&$)
**+'$&
 $ $   $  
*$,$*$
 $ $$$)
$('&$' $ $)

- ./ !!""#012-12.13-012
0.43/5 . 0-6- 7.-.   4. / -4  /
.78.29/2-#-0.43/5/.19/5/-/019--.-1"-2.





""0-
2 /0-"/3


Similar Part No. - LSHD-5601

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LSHD-5503 LITEON-LSHD-5503 Datasheet
102Kb / 5P
The LSHD-5503 is a 0.56 inch 14.22mm digit height single-digit display
LSHD-5503A LITEON-LSHD-5503A Datasheet
102Kb / 5P
The LSHD-5503 is a 0.56 inch 14.22mm digit height single-digit display
LSHD-5503B LITEON-LSHD-5503B Datasheet
102Kb / 5P
The LSHD-5503 is a 0.56 inch 14.22mm digit height single-digit display
LSHD-5503C LITEON-LSHD-5503C Datasheet
102Kb / 5P
The LSHD-5503 is a 0.56 inch 14.22mm digit height single-digit display
LSHD-5503D LITEON-LSHD-5503D Datasheet
102Kb / 5P
The LSHD-5503 is a 0.56 inch 14.22mm digit height single-digit display
More results

Similar Description - LSHD-5601

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTS-6780P LITEON-LTS-6780P Datasheet
139Kb / 5P
0.56 inch (14.22mm) DIGIT HEIGHT.
logo
Ningbo Foryard Optoelec...
FYLQ-5641AX-00 FORYARD-FYLQ-5641AX-00 Datasheet
469Kb / 6P
0.56 Inch (14.22mm) digit height, Four Digits SMD Display
FYLS-5611AX-00 FORYARD-FYLS-5611AX-00 Datasheet
426Kb / 6P
0.56 Inch (14.22mm) digit height, Single Digit SMD Display
FYLT-5631AX-00 FORYARD-FYLT-5631AX-00 Datasheet
468Kb / 6P
0.56 Inch (14.22mm) digit height, Three Digits SMD Display
logo
Lite-On Technology Corp...
LTC-561HR LITEON-LTC-561HR Datasheet
126Kb / 7P
0.56 inch (14.22mm) DIGIT HEIGHT
LTD-5521AB LITEON-LTD-5521AB Datasheet
138Kb / 5P
0.56 inch (14.22mm) DIGIT HEIGHT
LTD-5523AB LITEON-LTD-5523AB Datasheet
138Kb / 5P
0.56 inch (14.22mm) DIGIT HEIGHT
LTS-5501AE LITEON-LTS-5501AE Datasheet
133Kb / 5P
0.56 INCH (14.22mm) DIGTH HEIGHT
LTS-5503AB LITEON-LTS-5503AB Datasheet
130Kb / 5P
0.56 INCH (14.22mm) DIGTH HEIGHT
LTS-5701AY LITEON-LTS-5701AY Datasheet
129Kb / 5P
0.56 INCH (14.22mm) DIGTH HEIGHT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com