Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS358A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AS358A
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS358A Datasheet(HTML) 2 Page - Diodes Incorporated

  AS358A Datasheet HTML 1Page - Diodes Incorporated AS358A Datasheet HTML 2Page - Diodes Incorporated AS358A Datasheet HTML 3Page - Diodes Incorporated AS358A Datasheet HTML 4Page - Diodes Incorporated AS358A Datasheet HTML 5Page - Diodes Incorporated AS358A Datasheet HTML 6Page - Diodes Incorporated AS358A Datasheet HTML 7Page - Diodes Incorporated AS358A Datasheet HTML 8Page - Diodes Incorporated AS358A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AS358/358A/358B
Document number: DS36834 Rev. 6 - 2
2 of 19
www.diodes.com
May 2018
© Diodes Incorporated
AS358/358A/358B
Typical Applications Circuit
AC
Line
SMPS
R2
Current
Sense
R7
R8
Battery
Pack
R4
R3
AZ431
R5
R1
Opto
Isolator
VCC
GND
GND
1/2
AS358/A
+
-
1/2
AS358/A
R6
+
-
VCC
Battery Charger
Power Amplifier
DC Summing Amplifier
R1 910K
VO
R2 100K
R3 91K
VIN(+)
VCC
RL
1/2 AS358/A
-
+
R6 100k
VO
R5
100k
R1 100k
R2 100k
R3 100k
R4 100k
+V1
+V2
+V3
+V4
1/2 AS358/A
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com