Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZV331 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AZV331
Description  SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZV331 Datasheet(HTML) 4 Page - Diodes Incorporated

  AZV331 Datasheet HTML 1Page - Diodes Incorporated AZV331 Datasheet HTML 2Page - Diodes Incorporated AZV331 Datasheet HTML 3Page - Diodes Incorporated AZV331 Datasheet HTML 4Page - Diodes Incorporated AZV331 Datasheet HTML 5Page - Diodes Incorporated AZV331 Datasheet HTML 6Page - Diodes Incorporated AZV331 Datasheet HTML 7Page - Diodes Incorporated AZV331 Datasheet HTML 8Page - Diodes Incorporated AZV331 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AZV331
Document number: DS36529 Rev. 2 -
2
4 of 15
www.diodes.com
September 2013
© Diodes Incorporated
AZV331
A Product Line of
Diodes Incorporated
Electrical Characteristics
AZV331-2.7V DC Electrical Characteristics (Limits in standard typeface are guaranteed for TA=25ºC, VCC=2.7V, VEE=0V,
RL=5.1kΩ connected to VCC and VCM=0, bold typeface applies over full temperature ranges, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOS
Input Offset Voltage
1.7
7
mV
9
TCVOS
Input Offset Voltage Average
Drift
5
µV/ºC
IB
Input Bias Current
IIN+ or IIN- with output in
linear range, VCM=0V
10
250
nA
400
IIO
Input Offset Current
IIN+ - IIN-, VCM=0V
5
50
nA
150
VSAT
Saturation Voltage
ISINK≤1mA
200
mV
500
ISINK
Output Sink Current
VO≤1.5V
5
23
mA
VCM
Input
Common-Mode
Voltage
Range
-0.1
2
V
ICC
Supply Current
40
100
µA
150
ILEAKAGE
Output Leakage Current
0.003
µA
AZV331-2.7V AC Electrical Characteristics (All limits are guaranteed for TA=25ºC, VCC=2.7V, VEE=0V, RL=5.1kΩ
connected to VCC and VCM=0, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TPHL
Propagation Delay (High to Low)
Input Overdrive=10mV
1000
ns
Input Overdrive=100mV
350
TPLH
Propagation Delay (Low to High)
Input Overdrive=10mV
500
ns
Input Overdrive=100mV
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com