Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2902 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # LM2902
Description  DUAL AND QUAD OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM2902 Datasheet(HTML) 4 Page - Diodes Incorporated

  LM2902 Datasheet HTML 1Page - Diodes Incorporated LM2902 Datasheet HTML 2Page - Diodes Incorporated LM2902 Datasheet HTML 3Page - Diodes Incorporated LM2902 Datasheet HTML 4Page - Diodes Incorporated LM2902 Datasheet HTML 5Page - Diodes Incorporated LM2902 Datasheet HTML 6Page - Diodes Incorporated LM2902 Datasheet HTML 7Page - Diodes Incorporated LM2902 Datasheet HTML 8Page - Diodes Incorporated LM2902 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LM2902/LM2904
Document number: DS36780 Rev. 4 - 2
4 of 16
www.diodes.com
August 2018
© Diodes Incorporated
LM2902/LM2904
Electrical Characteristics (Notes 12 & 13) (@ VCC = +5.0V, TA = +25°C, unless otherwise specified.)
LM2902, LM2902A
Parameter
Conditions
TA
Min
Typ
Max
Unit
VIO
Input Offset Voltage
VIC = VCMR Min,
VO = 1.4V,
VCC = 5V to Max,
RS = 0Ω
Non-A Device
TA = +25°C
—
2
7
mV
Full Range
—
—
10
A-Suffix Device
TA = +25°C
—
1
2
Full Range
—
—
4
∆VIO/∆T
Input Offset Voltage Temperature
Drift
RS = 0Ω
Full Range
—
7
—
µV/
℃
IB
Input Bias Current
IIN+ or IIN− with OUT in Linear Range,
VCMR = 0V (Note 9)
TA = +25°C
—
-20
-200
nA
Full Range
—
—
-500
IIO
Input Offset Current
IIN+ - IIN−, VCM = 0V
TA = +25°C
—
2
50
nA
Full Range
—
—
150
∆IIO/∆T
Input Offset Current Temperature
Drift
—
Full Range
—
10
—
pA/
℃
VCMR
Input Common-Mode Voltage
Range
VCC = 30V (Note 10)
TA = +25°C
0 to
VCC -1.5
—
—
V
Full Range
0 to
VCC -2.0
—
—
ICC
Supply Current
(Four Amplifiers)
VO = 0.5VCC, No Load VCC = 30V
Full Range
—
1.0
3.0
mA
VO = 0.5VCC, No Load VCC = 5V
Full Range
—
0.7
1.2
AV
Voltage Gain
VCC = 15V, VOUT = 1V to 11V,
RL ≥ 2kΩ
TA = +25°C
25
100
—
V/mV
Full Range
15
—
—
CMRR
Common Mode Rejection Ratio
DC, VCMR = 0V to VCC-1.5V
TA = +25°C
60
70
—
dB
PSRR
Power Supply Rejection Ratio
VCC = 5V to 30V
TA = +25°C
70
100
—
dB
—
Amplifier to Amplifier Coupling
f = 1kHz to 20kHz (Input Referred)
(Note 11)
TA = +25°C
—
-120
—
dB
ISINK
Output Current
Sink
VIN
- = 1V, VIN+ = 0V, VCC = 15V,
VO = 200mV
TA = +25°C
12
50
—
µA
VIN
- = 1V, VIN+ = 0V, VCC = 15V,
VO = 15V
TA = +25°C
10
20
—
mA
Full Range
5
—
—
ISOURCE
Source
VIN
+ = 1V, VIN- = 0V, VCC = 15V,
VO = 0V
TA = +25°C
-20
-40
-60
Full Range
-10
—
—
ISC
Short-Circuit to Ground
VCC = 5V, GND = -5V, VO = 0V
TA = +25°C
—
±40
±60
mA
VOH
High-Level Output Voltage Swing
RL = 10kΩ
TA = +25°C
—
VCC-1.5
—
V
VCC = 30V
RL = 2kΩ
Full Range
26
—
—
RL ≥ 10kΩ
27
28
—
VOL
Low-Level Output Voltage Swing
RL ≦ 10kΩ
Full Range
—
5
20
mV
AC Electrical Characteristics (Notes 12 & 13) (@ VCC = ±15.0V, TA = +25°C, unless otherwise specified.)
LM2902, LM2902A
Parameter
Conditions
Typ
Unit
SR
Slew Rate at Unity Gain
RL = 1MΩ, CL = 30pF, VI = ±10V
0.3
V/µs
B1
Unity Gain Bandwidth
RL = 1MΩ, CL = 20pF
0.7
MHz
Vn
Equivalent Input Noise Voltage
RS = 100Ω, VI = 0V, f = 1kHz
40
nV/√Hz
Notes:
9. The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of the
output so no loading change exists on the input lines.
10. The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V (@ +25°C). The upper end of the
common-mode voltage range is VCC -1.5V (@ +25°C), but either or both inputs can go to +36V without damage, independent of the magnitude of VCC.
11. Due to proximity of external components, insure that coupling is not originating via stray capacitance between these external parts. This typically can
be detected as this type of capacitance increases at higher frequencies.
12. Typical values are all at TA = +25°C conditions and represent the most likely parametric norm as determined at the time of characterization. Actual
typical values may vary over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed
on shipped production material.
13. All limits are guaranteed by testing or statistical analysis. Limits over the full temperature are guaranteed by design, but not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com