Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4040 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # LM4040
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM4040 Datasheet(HTML) 2 Page - Diodes Incorporated

  LM4040 Datasheet HTML 1Page - Diodes Incorporated LM4040 Datasheet HTML 2Page - Diodes Incorporated LM4040 Datasheet HTML 3Page - Diodes Incorporated LM4040 Datasheet HTML 4Page - Diodes Incorporated LM4040 Datasheet HTML 5Page - Diodes Incorporated LM4040 Datasheet HTML 6Page - Diodes Incorporated LM4040 Datasheet HTML 7Page - Diodes Incorporated LM4040 Datasheet HTML 8Page - Diodes Incorporated LM4040 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LM4040
Document number: DS33195 Rev. 7 - 2
2 of 12
www.diodes.com
February 2017
© Diodes Incorporated
LM4040
Absolute Maximum Ratings (Voltages to Anode Unless Otherwise Stated)
Parameter
Rating
Unit
Continuous Reverse Current
20
mA
Continuous Forward Current
10
mA
Operating Junction Temperature
-40 to +150
°C
Storage Temperature
-55 to +150
°C
Caution:
Stresses greater than the 'Absolute Maximum Ratings' specified above, may cause permanent damage to the device. These are stress ratings
only; functional operation of the device at conditions between maximum recommended operating conditions and absolute maximum ratings is not
implied. Device reliability may be affected by exposure to absolute maximum rating conditions for extended periods of time.
(Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when handling
and transporting these devices.)
Unless otherwise stated voltages specified are relative to the Anode pin.
Package Thermal Data
Package
θJA
PDIS
TA = +25°C, TJ = +125°C
SOT23
380°C/W
330mW
Recommended Operating Conditions
Parameter
Min
Max
Unit
Reverse Current
0.06
15
mA
Operating Ambient Temperature Range
-40
+125
°C
Electrical Characteristics (Test conditions: TA = +25°C, unless otherwise specified.)
LM4040-2.5
Symbol
Parameter
Conditions
Typ
LM4040
B Limits
LM4040
C Limits
LM4040
D Limits
Unit
—
TA
VREF
Reverse Breakdown
Voltage
IR = 100µA
+25°C
2.5
—
—
—
V
Reverse Breakdown
Voltage Tolerance
IR = 100µA
+25°C
—
±5
±12
±25
mV
-40 to +85°C
±21
±29
±49
-40 to +125°C
±30
±38
±63
IRMIN
Minimum Operating Current
—
+25°C
45
60
60
65
µA
-40 to +85°C
—
65
65
70
-40 to +125°C
68
68
73
ΔVR/ΔT
Average Reverse
Breakdown Voltage
Temperature Coefficient
IR = 10mA
-40 to +125°C
±20
—
—
—
ppm/°C
IR = 1mA
±15
±100
±100
±150
IR = 100µA
±15
—
—
—
ΔVR/ΔIR
Reverse Breakdown
Change with Current
IRMIN ≤ IR
≤ 1mA
+25°C
0.3
0.8
0.8
1.0
mV
-40 to +85°C
—
1.0
1.0
1.2
-40 to +125°C
1.0
1.0
1.2
1mA ≤ IR
≤ 15mA
+25°C
2.5
6.0
6.0
8.0
-40 to +85°C
—
8.0
8.0
10.0
-40 to +125°C
8.0
8.0
10.0
ZR
Dynamic Output
Impedance
IR = 1mA, f = 120Hz
IAC = 0.1IR
0.3
0.8
0.9
1.1
Ω
en
Noise Voltage
IR = 100µA
10Hz < f < 10kHz
35
—
—
—
µVRMS
VR
Long Term Stability (Non
Cumulative)
t = 1000Hrs, IR = 100µA
120
—
—
—
ppm
VHYST
Thermal Hysteresis
ΔT = -40°C to +125°C
0.08
—
—
—
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com