Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCT1008 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXCT1008
Description  INCREASED AMBIENT TEMPERATURE HIGH-SIDE CURRENT MONITOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1008 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXCT1008 Datasheet HTML 1Page - Diodes Incorporated ZXCT1008 Datasheet HTML 2Page - Diodes Incorporated ZXCT1008 Datasheet HTML 3Page - Diodes Incorporated ZXCT1008 Datasheet HTML 4Page - Diodes Incorporated ZXCT1008 Datasheet HTML 5Page - Diodes Incorporated ZXCT1008 Datasheet HTML 6Page - Diodes Incorporated ZXCT1008 Datasheet HTML 7Page - Diodes Incorporated ZXCT1008 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXCT1008
Document number: DS33440 Rev.8 - 2
2 of 8
www.diodes.com
December 2017
© Diodes Incorporated
ZXCT1008
Pin Descriptions
Pin Name
Pin Function
VSENSE+
Connection to Supply Voltage
VSENSE-
Connection to Load
IOUT
Output Current, Proportional to Measured Current
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Description
Rating
Unit
Voltage on Any Pin (relative to IOUT)
-0.6 to 20
V
Continous Output Current, IOUT
25
mA
Continuous Sense Voltage, VSENSE (Note 4)
-0.5 to 5
V
Operating Temperature, TA
-40 to +85
°C
Storage Temperature
-55 to +125
°C
Package Power Dissipation @ TA = +25°C (Derate to Zero @ +125°C)
450
mW
Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings for extended periods may reduce device reliability.
Electrical Characteristics (@TA = +25°C, VIN = 5V, ROUT = 100Ω, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
VCC Range
—
2.5
—
20
V
IOUT
Output Current
(Note 5)
VSENSE = 0V
VSENSE = 10mV
VSENSE = 100mV
VSENSE = 200mV
VSENSE = 500mV
1
90
0.975
1.95
4.8
4
104
1.0
2.0
5.0
15
120
1.025
2.05
5.2
µA
µA
mA
mA
mA
VSENSE
Sense Voltage (Note 4)
—
0
—
500
mV
ISENSE-
VSENSE - Input Current
—
—
—
100
nA
ACC
Accuracy
RSENSE = 0.1Ω, VSENSE = 200mV
-2.5
—
2.5
%
GM
Transconductance,
IOUT/VSENSE
—
10,000
—
µA/V
BW
Bandwidth
VSENSE(DC) = 10mV, RF PIN = -40dBm
(Note 6)
—
300
—
kHz
VSENSE(DC) = 100mV, RF PIN = -20dBm
(Note 6)
2
—
MHz
Notes:
4. VSENSE is defined as the differential voltage between VSENSE+ and VSENSE-
VSENSE = VSENSE+ - VSENSE-
= VIN - VLOAD
= ILOAD x RSENSE
5. Includes input offset voltage contribution.
6. -20dBm=63mVPP into 50Ω.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com