Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8562 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF8562
Description  Universal LCD driver for low multiplex rates
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8562 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF8562 Datasheet HTML 1Page - NXP Semiconductors PCF8562 Datasheet HTML 2Page - NXP Semiconductors PCF8562 Datasheet HTML 3Page - NXP Semiconductors PCF8562 Datasheet HTML 4Page - NXP Semiconductors PCF8562 Datasheet HTML 5Page - NXP Semiconductors PCF8562 Datasheet HTML 6Page - NXP Semiconductors PCF8562 Datasheet HTML 7Page - NXP Semiconductors PCF8562 Datasheet HTML 8Page - NXP Semiconductors PCF8562 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
November 22, 2004
3
Philips Semiconductors
Preliminary specification
Universal LCD driver
for low multiplex rates
PCF8562
1
FEATURES
• Single-chip LCD controller/driver
• Selectable backplane drive configuration: static or 2/3/4 backplane multiplexing
• Selectable display bias configuration: static, 1/2 and 1/3
• Internal LCD bias generation with voltage-follower buffers
• 32 segment drives: up to sixteen 8-segment numeric characters; up to eight 15-segment alphanumeric characters; or
any graphics of up to 128 elements
• 32 × 4-bit RAM for display data storage
• Auto-incremental display data loading across device subaddress boundaries
• Display memory bank switching in static and duplex drive modes
• Versatile blinking modes
• Independent supplies possible for LCD and logic voltages
• Wide power supply range: from 1.8 to 5.5 V
• Wide logic LCD supply range: from 2.5 V for low-threshold LCDs and up to 6.5 V for guest-host LCDs and
high-threshold (automobile) twisted nematic LCDs
• Low power consumption
• 400 kHz I2C-bus interface
• TTL/CMOS compatible
• Compatible with 4, 8 or 16-bit microprocessors or microcontrollers
• No external components
• Compatible with chip-on-glass technology
• Manufactured in silicon gate CMOS process.
2
GENERAL DESCRIPTION
The PCF8562 is a peripheral device which interfaces to almost any Liquid Crystal Display (LCD) with low multiplex rates.
It generates the drive signals for any static or multiplexed LCD containing up to four backplanes and up to 32 segments.
The PCF8562 is compatible with most microprocessors/microcontrollers and communicates via a two-line bidirectional
I2C-bus. Communication overheads are minimized by a display RAM with auto-incremental addressing, by hardware
subaddressing and by display memory switching (static and duplex drive modes).
3
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF8562TT
TSSOP48
plastic, 48 leads; body
SOT362-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com