Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1333GR Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1333GR
Description  Single-Pole Normally Closed OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1333GR Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1333GR Datasheet HTML 1Page - IXYS Corporation CPC1333GR Datasheet HTML 2Page - IXYS Corporation CPC1333GR Datasheet HTML 3Page - IXYS Corporation CPC1333GR Datasheet HTML 4Page - IXYS Corporation CPC1333GR Datasheet HTML 5Page - IXYS Corporation CPC1333GR Datasheet HTML 6Page - IXYS Corporation CPC1333GR Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1333-R03
1
CPC1333
Single-Pole Normally Closed
OptoMOS® Relay
Part Number
Description
CPC1333G
4-Pin DIP (100/Tube)
CPC1333GR
4-Pin Surface Mount (100/Tube)
CPC1333GRTR
4-Pin Surface Mount (1000/Reel)
Parameters
Ratings
Units
Peak Blocking Voltage
350
V
P
Load Current
130
mA
rms / mADC
On-Resistance (max)
30
Isolation Voltage, Input to Output
5000
V
rms
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
The CPC1333G is a single-pole, normally closed
(1-Form-B) Solid State Relay with an enhanced input
to output isolation barrier of 5000V
rms.
The relay output is constructed with efficient
MOSFET switches that use IXYS Integrated Circuits
Division's patented OptoMOS architecture. The input,
a highly efficient infrared LED, controls the optically
coupled output.
• Telephony Switching
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• UL Recognized Component: File E76270
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 13 12 82667 003
• 5000V
rms Input/Output Isolation
• 350V
P Blocking Voltage
• Low Drive Power Requirements
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Small 4-Pin Package
Switching Characteristics
of Normally Closed Devices
Form-B
I
F
10%
90%
I
LOAD
t
on
t
off
1
2
3
4
+ Control
– Control
Load
Load


Similar Part No. - CPC1333GR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CPC1333 LITTELFUSE-CPC1333 Datasheet
217Kb / 7P
Single-Pole Normally Closed 350V, 130mA OptoMOS® Relay
11/28/2025
More results

Similar Description - CPC1333GR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCB110 IXYS-LCB110 Datasheet
123Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB111 IXYS-LCB111 Datasheet
105Kb / 5P
Single Pole, Normally Closed OptoMOS Relay
LCB120 IXYS-LCB120 Datasheet
123Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB127 IXYS-LCB127 Datasheet
159Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB710 IXYS-LCB710 Datasheet
127Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB716 IXYS-LCB716 Datasheet
123Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
LCB717 IXYS-LCB717 Datasheet
132Kb / 7P
Single-Pole, Normally Closed OptoMOS Relay
PLB171 IXYS-PLB171 Datasheet
122Kb / 5P
Single-Pole, Normally Closed OptoMOS Relay
PLB150 IXYS-PLB150 Datasheet
105Kb / 5P
Single Pole, Normally Closed OptoMOS Relay
LCB126 IXYS-LCB126 Datasheet
122Kb / 7P
Single Pole, Normally Closed OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com