Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1390GV Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1390GV
Description  Single Pole, Normally Open 4-Pin OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1390GV Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1390GV Datasheet HTML 1Page - IXYS Corporation CPC1390GV Datasheet HTML 2Page - IXYS Corporation CPC1390GV Datasheet HTML 3Page - IXYS Corporation CPC1390GV Datasheet HTML 4Page - IXYS Corporation CPC1390GV Datasheet HTML 5Page - IXYS Corporation CPC1390GV Datasheet HTML 6Page - IXYS Corporation CPC1390GV Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R08
CPC1390
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
25
20
15
10
5
-40
-20
0
20
40
60
80
120
100
Typical On-Resistance
vs. Temperature
(I
F=2mA, IL=100mA Instantaneous)
Temperature (ºC)
Load Voltage (V)
150
100
50
0
-50
-100
-150
-2.5 -2.0 -1.5 -1.0 -0.5
0
1.5
1.0
0.5
2.0 2.5
Typical Load Current vs. Load Voltage
(I
F=2mA)
180
160
140
120
100
80
60
-40
-20
0
20
40
60
80
120
100
Maximum Load Current
vs. Temperature
(I
F=2mA)
Temperature (ºC)
-40
480
475
470
465
460
455
450
-20
0
20
40
60
80
100
Temperature (ºC)
Typical Blocking Voltage
vs. Temperature
-40
0.035
0.030
0.025
0.020
0.015
0.010
0.005
0
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
Measured Across Pins 3 & 4
(V
L=400V)
Temperature (ºC)
Load Voltage (V)
0
50
100
150
200
0
20
40
60
80
100
120
140
160
Output Capacitance vs. Load Voltage
(I
F=0mA, f=1MHz)
Time
10 s
1.2
1.0
0.8
0.6
0.4
0.2
0
1ms
100 s
100ms
1s
10ms
10s
100s
Energy Rating Curve



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com