Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1510 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1510
Description  Single-Pole, Normally Open Relay with Integrated Current Limit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1510 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1510 Datasheet HTML 1Page - IXYS Corporation CPC1510 Datasheet HTML 2Page - IXYS Corporation CPC1510 Datasheet HTML 3Page - IXYS Corporation CPC1510 Datasheet HTML 4Page - IXYS Corporation CPC1510 Datasheet HTML 5Page - IXYS Corporation CPC1510 Datasheet HTML 6Page - IXYS Corporation CPC1510 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1510
www.ixysic.com
3
R03
PERFORMANCE DATA*
*The Performance Data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
Typical LED Forward Voltage Drop
(N=50, I
F=5mA, TA=25ºC)
0.26
0.32
0.38
0.23
0.29
0.35
Turn-On (ms)
25
20
15
10
5
0
Typical Turn-On Time
(N=50, I
F=5mA, IL=100mADC, TA=25ºC)
0.17
0.27
0.37
0.12
0.22
0.32
Turn-Off (ms)
25
20
15
10
5
0
Typical Turn-Off Time
(N=50, I
F=5mA, IL=100mADC, TA=25ºC)
0.75
1.35
1.95
1.05
1.65
2.25
LED Current (mA)
25
20
15
10
5
0
Typical I
F for Switch Operation
(N=50, I
L=100mADC, TA=25ºC)
25
20
15
10
5
0
0.75
1.35
1.95
1.05
1.65
2.25
LED Current (mA)
Typical I
F for Switch Dropout
(N=50, T
A=25ºC)
35
30
25
20
15
10
5
0
8
9
10
12
11
13
On-Resistance ( )
Typical On-Resistance Distribution
(N=50, I
F=5mA, IL=100mADC, TA=25ºC)
Temperature (ºC)
Typical LED Forward Voltage Drop
vs. Temperature
1.8
1.6
1.4
1.2
1.0
0.8
-20
0
20
40
60
80
120
100
-40
I
F=50mA
I
F=10mA
I
F=5mA
Forward Current (mA)
0
5
1015202530354045
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
50
Typical Turn-On Time
vs. LED Forward Current
(I
L=100mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.12
0.10
0.08
0.06
0.04
0.02
0
50
Typical Turn-Off Time
vs. LED Forward Current
(I
L=100mADC)
600
500
400
300
200
100
0
Temperature (ºC)
-40
-20
0
20
40
60
80
120
100
DC Configuration
AC/DC Configuration
Maximum Load Current
vs. Temperature
I
F=10mA
I
F=5mA
I
F=10mA
I
F=5mA
-40
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100 120
Temperature (ºC)
Typical Turn-On vs. Temperature
(I
L=100mADC)
I
F=10mA
I
F=5mA
-40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
-20
0
20
40
60
80
100
Temperature (ºC)
Typical Turn-Off vs. Temperature
(I
F=5mA, IL=100mADC)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com