Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1705Y Datasheet(PDF) 2 Page - IXYS Corporation

Part # CPC1705Y
Description  Single-Pole, Normally Closed 60V, 3.25ADC, 4-Pin Power SIP Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1705Y Datasheet(HTML) 2 Page - IXYS Corporation

  CPC1705Y Datasheet HTML 1Page - IXYS Corporation CPC1705Y Datasheet HTML 2Page - IXYS Corporation CPC1705Y Datasheet HTML 3Page - IXYS Corporation CPC1705Y Datasheet HTML 4Page - IXYS Corporation CPC1705Y Datasheet HTML 5Page - IXYS Corporation CPC1705Y Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R02
CPC1705Y
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Typical values are characteristic of the device at +25°C,
and are the result of engineering evaluations. They are
provided for information purposes only, and are not part of
the manufacturing testing requirements.
Absolute Maximum Ratings @ T
A=25ºC (Unless Otherwise Noted)
Parameter
Ratings
Units
Blocking Voltage
60
V
P
Reverse Input Voltage
5
V
Input control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1
150
mW
Total Power Dissipation 2
1175
mW
Isolation Voltage, Input to Output
2500
V
rms
ESD Rating (Human Body Model)
4
kV
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 3.33 mW / ºC
2 Derate Output Power linearly 11.8 mW / ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current, Continuous 1
Free air
I
L
-
-
3.25
A
DC
Peak Load Current
t=10ms
I
LPK
-
-
3.25
A
On-Resistance 2
I
L=1A
R
ON
-
0.059
0.09
Off-State Leakage Current
I
F=5mA, VL=60VDC
I
LEAK
--
1
µA
Switching Speeds
Turn-On Output Switch
I
F=10mA, VL=10V
(See Switching Waveform)
t
on
-
0.6
2
ms
Turn-Off Output Switch
t
off
-
2.84
12
Output Capacitance
I
F=10mA, VL=20VDC, f=1MHz
C
OUT
-1
-
nF
Input Characteristics
Input Control Current to Activate 3
I
L=0A
I
F
-
0.8
5
mA
Input Control Current to Deactivate
I
L=1A
I
F
0.1
0.8
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.5
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Input/Output Characteristics
Capacitance, Input-to-Output
V
IO=0V, f=1MHz
C
IO
-2
-
pF
1
Derate linearly 20.5 mA/ºC.
2
Measurement taken within 1 second of on-time.
3
For high-temperature operation (T
A > 60ºC) a minimum LED drive current of 10mA is recommended.
Electrical Characteristics @ T
A=25ºC (Unless Otherwise Noted)
Parameter
Symbol
Rating
Units
Thermal Impedance (Junction to Ambient)
JA
85
°C/W
Thermal Characteristics
Switching Waveform
Form-B
I
F
10%
90%
I
LOAD
t
off
t
on



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com