Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1510GSTR Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1510GSTR
Description  Single-Pole, Normally Open Relay with Integrated Current Limit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1510GSTR Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1510GSTR Datasheet HTML 1Page - IXYS Corporation CPC1510GSTR Datasheet HTML 2Page - IXYS Corporation CPC1510GSTR Datasheet HTML 3Page - IXYS Corporation CPC1510GSTR Datasheet HTML 4Page - IXYS Corporation CPC1510GSTR Datasheet HTML 5Page - IXYS Corporation CPC1510GSTR Datasheet HTML 6Page - IXYS Corporation CPC1510GSTR Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R03
CPC1510
PERFORMANCE DATA*
*The Performance Data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
-40
25
20
15
10
5
0
-20
0
20
40
60
80
100
Temperature (ºC)
On-Resistance vs. Temperature
AC/DC Configuration
(I
L=100mADC)
I
F=5mA
I
F=10mA
-40
-20
0
20
40
60
80
100
3.0
2.5
2.0
1.5
1.0
0.5
0
Temperature (ºC)
Typical I
F for Switch Operation
vs. Temperature
(I
L=100mADC)
-40
-20
0
20
40
60
80
100
3.0
2.5
2.0
1.5
1.0
0.5
0
Temperature (ºC)
Typical I
F for Switch Dropout
vs. Temperature
(I
L=100mADC)
-40
6
5
4
3
2
1
0
-20
0
20
40
60
80
100
Temperature (ºC)
On-Resistance vs. Temperature
DC-Only Configuration
(I
L=100mADC)
I
F=5mA
I
F=10mA
Load Voltage (V)
150
100
50
0
-50
-100
-150
-2.5 -2.0 -1.5 -1.0 -0.5
1.0
0.5
1.5 2.0
0
2.5
Typical Load Current vs. Load Voltage
(T
A=25ºC, IF=5mA)
-40
0.035
0.030
0.025
0.020
0.015
0.010
0.005
0
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
(Measured Across Pins 4&6)
Temperature (ºC)
Temperature (ºC)
1000
800
600
400
200
0
-20
-40
0
20
40
60
80
120
100
DC Configuration
AC/DC Configuration
Typical Current Limit vs. Temperature
(I
F=5mA)
Energy Rating Curve
(I
F=5mA)
Time
1.2
1.0
0.8
0.6
0.4
0.2
0
10μs
1ms
100ms
10s
100μs
10ms
1s
100s



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com