Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL2P3EX2KS Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTL2P3EX2KS
Description  Through Hole Lamp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2P3EX2KS Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTL2P3EX2KS Datasheet HTML 1Page - Lite-On Technology Corporation LTL2P3EX2KS Datasheet HTML 2Page - Lite-On Technology Corporation LTL2P3EX2KS Datasheet HTML 3Page - Lite-On Technology Corporation LTL2P3EX2KS Datasheet HTML 4Page - Lite-On Technology Corporation LTL2P3EX2KS Datasheet HTML 5Page - Lite-On Technology Corporation LTL2P3EX2KS Datasheet HTML 6Page - Lite-On Technology Corporation LTL2P3EX2KS Datasheet HTML 7Page - Lite-On Technology Corporation LTL2P3EX2KS Datasheet HTML 8Page - Lite-On Technology Corporation LTL2P3EX2KS Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Electrical / Optical Characteristics at TA=25°C
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
9300
16000
mcd
IF = 20mA
Note 1,5
Viewing Angle
2θ1/2
23
deg
Note 2 (Fig.6)
Peak Emission Wavelength
λP
634
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
618
630
nm
IF = 20mA
Note 4
Spectral Line Half-Width
Δλ
17
nm
Forward Voltage
VF
1.8
2.4
V
IF = 20mA
Reverse Current
IR
100
μA
VR = 5V, Note 6
NOTE: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE
eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. Iv classification code is marked on each packing bag.
4. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the
single wavelength which defines the color of the device.
5. The Iv guarantee should be added ±15% tolerance
6. Reverse voltage (VR) condition is applied for IR test only. The device is not designed reverse operation.
Part No. : LTL2P3EX2KS
Page :
3
of
10
BNS-OD-C131/A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com