Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3C6800 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3C6800
Description  2.5V/3.3V, 2-Port, 10-Bit Bus Switch with Precharged Outputs for Live Insertion
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C6800 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3C6800 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C6800 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C6800 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C6800 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3C6800 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
PS8191D
05/03/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
PI3C6800
2.5V/3.3V,2-Port,10-BitBusSwitchwith
PrechargedOutputsforLiveInsertion
ElectricalCharacteristics(OverRecommendedOperatingFree-airTemperatureRange)
Storage Temperature ........................................ –65°Cto+150°C
Supply Voltage Range .......................................... –0.5Vto4.6V
DC Input Voltage(1) ...............................................–0.5Vto+7V
Input Clamp Current, IIK (V1< 0) .....................................–50mA
DC Output Current ......................................................... 120mA
Power Dissipation(2) ..........................................................0.5W
Note:
Stresses greater than those listed under MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
Notes:
1. Input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. Maximum package power dissipation is calculated using a junction temperatue of 150°C and a board trace length of 750 mils.
Absolute Maximum Ratings Over Free-Air Temperature Range*
(Above which the useful life may be impaired. For user guidelines, not tested.)
Notes:
* Measured by the voltage drop between the A and B terminals at the indicated current through the switch.
On-state resistance is determined by the lower of the voltages of the two (A or B) terminals.
‡ This is the increase in supply current for control input.
All typical values are at VCC = 3.3V, TA = 25°C.
s
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
t
s
e
T.
n
i
Mp
y
T .
.
x
a
Ms
ti
n
U
V K
I
e
g
a
tl
o
V
e
d
o
i
D
p
m
al
CV C
C
I
,
V
0
.
3
=
N
I
8
1
–
=mA
2
.
1
–V
II
t
n
e
rr
u
C
t
u
p
n
IV C
C
,
V
6
.
3
=V N
I
V
=
C
C
D
N
G
r
o5
±
µA
IO
t
n
e
rr
u
C
t
u
p
t
u
OV C
C
V
,
V
4
.
2
=
V
S
A
I
B
,
V
0
.
3
=
O
0
=5
2
.
0A
m
I C
C
y
l
p
p
u
S
r
e
w
o
P
t
n
e
c
s
ei
u
Q
t
n
e
rr
u
C
V C
C
I
,
V
6
.
3
=
O
,
0
=V N
I
V
=
C
C
D
N
G
r
o0
6
20
0
5
µA
∆I C
C
r
e
p
t
n
e
rr
u
C
y
l
p
p
u
S
r
e
w
o
P
t
u
p
n
I
V C
C
,
V
6
.
3
=V
7
.
2
t
a
t
u
p
n
i
e
n
O
t
a
r
e
h
t
OV C
C
D
N
G
r
o
5
.
2A
m
C N
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
IV C
C
V
0
=5
.
3
F
p
C F
F
O
e
c
n
a
ti
c
a
p
a
C
B
/
AV C
C
,
V
0
=ff
O
h
c
ti
w
S0
.
5
R N
O
*
e
c
n
a
t
si
s
e
R
N
O
h
c
ti
w
SV C
C
V
0
.
3
=
V N
I
I
,
0
=
N
I
4
6
=A
m5
7
Ω
V N
I
I
,
V
4
.
2
=
N
I
0
3
=A
m0
.
85
1
V N
I
I
,
V
4
.
2
=
N
I
5
1
=A
m0
.
85
1
.
n
i
Mp
y
T .
s
ti
n
U
V C
C
e
g
a
tl
o
v
y
l
p
p
u
S3
.
23
.
3
V
V
S
A
I
Be
g
a
tl
o
v
y
l
p
p
u
S3
.
1C
C
V
V H
I
e
g
a
tl
o
v
t
u
p
n
i
l
e
v
el
-
h
g
i
H2
V L
I
e
g
a
tl
o
v
t
u
p
n
i
l
e
v
el
-
w
o
L8
.
0
TA
e
r
u
t
a
r
e
p
m
e
t
ri
a
-
e
e
rf
g
n
it
a
r
e
p
O0
4
–5
8C
°
RecommendedOperatingConditions



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com