Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C41202 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C41202
Description  LVCMOS to LVPECL Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C41202 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C41202 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C41202 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C41202 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C41202 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C41202 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C41202 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C41202 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C41202 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C41202 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
PS8626D
05/11/05
Vee
CLK_EN
CK_SEL
CLK0
Vee
CLK1
Vcc
Vcc
Q0
nQ0
nc
Q1
nQ1
Vcc
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Vee
CLK_EN
CK_SEL
CLK0
nc/Vee
CLK1
nc/Vee
nc/Vee
nc/Vcc
Vcc
Q0
nQ0
Vcc
Q1
nQ1
Q2
nQ2
Vcc
Q3
nQ3
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Pin Configuration PI6C41204/A
Description
PI6C4120x is a high-performance LVCMOS or LVTTL to LVPECL
clock buffer. The PI6C41204 is a 4 output version with 2 select-
able inputs, pin compatible with ICS8535-01. PI6C41204A is the
enhanced version with extra power and ground pins to minimize
noise and jitter. The PI6C41202 is similar to the PI6C41204 except
it has two outputs.
20-Pin
Features
• Up to Four LVPECL outputs
• Selectable CLK0 or CLK1 inputs
• LVCMOSorLVTTLinputlevel
• 30ps max output skew
• 150ps max part-to-part skew
• 1.9ns max propagation delay
• 266 MHz output frequency
• Packaging(Pb-free&Greenavailable):
-14-pin TSSOP
- 20-pin TSSOP
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C41202
PI6C41204
PI6C41204A
LVCMOS to LVPECL Driver
14-Pin
D
LE
CLK_SEL
CLK1
CLK0
CLK_EN
Q0
nQ0
Q
Q1
nQ1
Q2
nQ2
Q3
nQ3
0
1
D
LE
CLK_SEL
CLK1
CLK0
CLK_EN
Q0
nQ0
Q
Q1
nQ1
0
1
Block Diagram PI6C41202
Block Diagram PI6C41204/A
Pin Configuration PI6C41202


Similar Part No. - PI6C41202

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C410 PERICOM-PI6C410 Datasheet
711Kb / 16P
Clock Generator for Intel PCI-Express Desktop Chipset
PI6C410A PERICOM-PI6C410A Datasheet
711Kb / 16P
Clock Generator for Intel PCI-Express Desktop Chipset
PI6C410B PERICOM-PI6C410B Datasheet
570Kb / 15P
Clock Generator for Intel PCI-Express Server Chipset
PI6C410BAE PERICOM-PI6C410BAE Datasheet
570Kb / 15P
Clock Generator for Intel PCI-Express Server Chipset
PI6C410BVE PERICOM-PI6C410BVE Datasheet
570Kb / 15P
Clock Generator for Intel PCI-Express Server Chipset
More results

Similar Description - PI6C41202

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V Datasheet
44Kb / 5P
LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC100EPT622 ONSEMI-MC100EPT622 Datasheet
73Kb / 8P
3.3V LVTTL/LVCMOS to LVPECL Translator
December, 2002 - Rev. 2
logo
Integrated Circuit Syst...
ICS87946-01 ICST-ICS87946-01 Datasheet
159Kb / 13P
LVPECL-TO-LVCMOS/LVTTL CLOCK GENERATOR
REV. A JANUARY 2, 2002
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22_06 Datasheet
135Kb / 8P
3.3V Dual LVTTL/LVCMOS to Differential LVPECL to Differential LVPECL
December, 2006 ??Rev. 11
MC100EPT622 ONSEMI-MC100EPT622_06 Datasheet
129Kb / 7P
3.3V LVTTL/LVCMOS to LVPECL Translator
November, 2006 ??Rev. 4
logo
Maxim Integrated Produc...
MAX9324 MAXIM-MAX9324 Datasheet
274Kb / 12P
One-to-Five LVPECL/LVCMOS Output Clock and Data Driver
19-2576; Rev 0; 10/02
MAX9323 MAXIM-MAX9323 Datasheet
272Kb / 11P
One-to-Four LVCMOS-to-LVPECL Output Clock and Data Driver
19-2575; Rev 0; 10/02
logo
Integrated Device Techn...
ICS843001I-23 IDT-ICS843001I-23 Datasheet
1Mb / 24P
FemtoClock짰 Crystal/LVCMOS-to-LVPECL/ LVCMOS Frequency Synthesizer
logo
ON Semiconductor
MC10EPT20 ONSEMI-MC10EPT20_16 Datasheet
168Kb / 10P
LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 12
MC100EPT622 ONSEMI-MC100EPT622_11 Datasheet
137Kb / 8P
3.3V LVTTL/LVCMOS to LVPECL Translator
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com