Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C41204A Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI6C41204A
Description  LVCMOS to LVPECL Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C41204A Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI6C41204A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C41204A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C41204A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C41204A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C41204A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C41204A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C41204A Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C41204A Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C41204A Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8626D
05/11/05
PI6C4120x
LVCMOS to LVPECL Driver
LVPECL
VEE = -1.3V ± 0.165V
Z = 50-Ohm
Z = 50-Ohm
50-Ohm
50-Ohm
nQx
Qx
VCC = 2V
VCC
SCOPE
Qx
nQx
Qy
nQy
tsk(0)
Figure2. 2-3.3V Output Load Test Circuit
Figure 3. Output Skew
Qx
nQx
Qy
nQy
tsk(0)
Part 1
Part 2
Figure 4. Part-to-Part Skew
20%
20%
80%
80%
Clock Inputs
and Outputs
tR
VSWING
tF
Figure 5. Input and Output Rise and Fall Time
CLK0, CLK1
Q0, Q3
nQ0, nQ3
tPD
Figure 6. Propagation Delay
odc =
Q0, Q3
nQ0, nQ3
tPERIOD
Pulse Width
tPW
tPERIOD
Figure 7. odc & tPERIOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com