Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1330 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1330
Description  Single-Pole, Normally Open 4-Pin OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1330 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1330 Datasheet HTML 1Page - IXYS Corporation CPC1330 Datasheet HTML 2Page - IXYS Corporation CPC1330 Datasheet HTML 3Page - IXYS Corporation CPC1330 Datasheet HTML 4Page - IXYS Corporation CPC1330 Datasheet HTML 5Page - IXYS Corporation CPC1330 Datasheet HTML 6Page - IXYS Corporation CPC1330 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1330
www.ixysic.com
3
R06
PERFORMANCE DATA (@25ºC Unless Otherwise Noted)*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
0.85
1.00
1.15
1.25
0.90
1.10
1.20
Turn-On Time (ms)
25
20
15
10
5
0
Typical Turn-On Time
(N=50, I
F=5mA, IL=120mA)
0.21
0.23
0.25
0.27
0.26
0.24
0.22
Turn-Off Time (ms)
25
20
15
10
5
0
Typical Turn-Off Time
(N=50, I
F=5mA, IL=120mA)
0.30
0.32
0.34
0.29
0.31
0.33
0.35
LED Current (mA)
25
20
15
10
5
0
Typical I
F for Switch Operation
(N=50, I
L=120mA)
25
20
15
10
5
0
0.28
0.30
0.32
0.27
0.29
0.31
0.33
LED Current (mA)
Typical I
F for Switch Dropout
(N=50, I
L=120mA)
35
30
25
20
15
10
5
0
23.5
24.5
25.5
26.5
24
25
26
Typical On-Resistance Distribution
(N=50, I
L=120mA)
On-Resistance ( )
35
30
25
20
15
10
5
0
370
380
390
400
375
385
395
Blocking Voltage (V
P)
Typical Blocking Voltage Distribution
(N=50)
LED Forward Current (mA)
0
5
1015202530354045
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
Typical Turn-Off Time
vs. LED Forward Current
(I
L=120mA)
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (ºC)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
I
F = 50mA
I
F = 30mA
I
F = 20mA
I
F = 10mA
I
F = 5mA
LED Forward Current (mA)
0
5
1015202530354045
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
Typical Turn-On Time
vs. LED Forward Current
(I
L=120mA)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com