Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1394 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1394
Description  Single-Pole, Normally Open 4-Pin OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1394 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1394 Datasheet HTML 1Page - IXYS Corporation CPC1394 Datasheet HTML 2Page - IXYS Corporation CPC1394 Datasheet HTML 3Page - IXYS Corporation CPC1394 Datasheet HTML 4Page - IXYS Corporation CPC1394 Datasheet HTML 5Page - IXYS Corporation CPC1394 Datasheet HTML 6Page - IXYS Corporation CPC1394 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1394
www.ixysic.com
3
R04
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
LED Forward Voltage (V)
1.230
1.235
1.240
1.245
1.250
1.255
0
5
10
15
20
25
30
35
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
Turn-On Time (ms)
0.65 0.70 0.75 0.80 0.85 0.90 0.95 1.00
0
5
10
15
20
Typical Turn-On Time
(N=50, I
F=5mA, IL=120mA)
Turn-Off Time (ms)
0.34 0.37 0.40 0.43 0.46 0.49 0.52 0.55
0
5
10
15
20
25
Typical Turn-Off Time
(N=50, I
F=5mA, IL=120mA)
LED Current (mA)
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0
5
10
15
20
Typical I
F for Switch Operation
(N=50, I
L=120mA)
On-Resistance ( )
25.50 25.75 26.00 26.25 26.50 26.75 27.00
0
5
10
15
20
25
Typical On-Resistance Distribution
(N=50, I
F=2mA, IL=120mA)
Blocking Voltage (V
P)
680
685
690
695
700
705
710
715
0
5
10
15
20
Typical Blocking Voltage Distribution
(N=50)
LED Forward Voltage (V)
-40
-20
0
20
40
60
80
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Typical I
F for Switch Operation
vs. Temperature
(I
L=70mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.5
1.0
1.5
2.0
2.5
3.0
Typical Turn-On Time
vs. Temperature
(I
L=70mA)
I
F=2mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
200
300
400
500
600
700
800
900
Typical Turn-Off Time
vs. Temperature
(I
L=70mA)
I
F=2mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
I
F=2mA
LED Current (mA)
010
20
30
40
50
0
1
2
3
4
5
Typical Turn-On Time
vs. LED Forward Current
(I
L=70mA)
LED Current (mA)
0
1020
304050
0.45
0.47
0.49
0.51
0.53
0.55
Typical Turn-Off Time
vs. LED Forward Current
(I
L=70mA)
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com