Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAA110STR Datasheet(PDF) 1 Page - IXYS Corporation

Part # PAA110STR
Description  Dual Single-Pole, Normally Open OptoMOS Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PAA110STR Datasheet(HTML) 1 Page - IXYS Corporation

  PAA110STR Datasheet HTML 1Page - IXYS Corporation PAA110STR Datasheet HTML 2Page - IXYS Corporation PAA110STR Datasheet HTML 3Page - IXYS Corporation PAA110STR Datasheet HTML 4Page - IXYS Corporation PAA110STR Datasheet HTML 5Page - IXYS Corporation PAA110STR Datasheet HTML 6Page - IXYS Corporation PAA110STR Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-PAA110-R05
1
PAA110
Dual Single-Pole, Normally Open
OptoMOS® Relays
e3
Pb
Part #
Description
PAA110
8-Pin DIP (50/Tube)
PAA110P
8-Pin Flatpack (50/Tube)
PAA110PTR
8-Pin Flatpack (1000/Reel)
PAA110S
8-Pin Surface Mount (50/Tube)
PAA110STR
8-Pin Surface Mount (1000/Reel)
Parameters
Ratings
Units
Load Voltage
400
V
P
Load Current
150
mA
rms / mADC
On-Resistance (max)
22
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Switching Characteristics
of Normally Open Devices
PAA110 is a 400V, 150mA, 22
 dual normally open
(1-Form-A) optically isolated Solid State Relay. Its
efficient MOSFET switches and photovoltaic die use
IXYS Integrated Circuits Division’s patented OptoMOS
architecture to provide 3750V
rms of input to output
isolation. The optically coupled output is controlled by
a highly efficient GaAIAs infrared LED
This performance leader provides high peak load
voltage handling capability and improved peak load
current handling.
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket
Size)
• Hook Switch
• Dial Pulsing
• Ground Start
• Ringing Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
• 3750V
rms Input/Output Isolation
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• High Reliability
• Arc-Free With No Snubbing Circuits
• VDE Compatible
• FCC Compatible
• No EMI/RFI Generation
• Small 8-Pin Package
• Machine Insertable, Wave Solderable
• Surface Mount and Tape Reel Version Available.
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
2
3
4
8
7
6
5
+ Control - Switch #1
– Control - Switch #1
+ Control - Switch #2
– Control - Switch #2
Load - Switch #1
Load - Switch #1
Load - Switch #2
Load - Switch #2
AC/DC Configuration


Similar Part No. - PAA110STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PAA110STR CLARE-PAA110STR Datasheet
148Kb / 7P
Single Pole OptoMOS Relays
logo
Littelfuse
PAA110STR LITTELFUSE-PAA110STR Datasheet
242Kb / 7P
400V, 150mA Dual Single-Pole
11/18/2025
More results

Similar Description - PAA110STR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LAA125 IXYS-LAA125_12 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
LAA126 IXYS-LAA126_12 Datasheet
123Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
LAA126L IXYS-LAA126L_12 Datasheet
105Kb / 5P
Dual Single-Pole, Normally Open OptoMOS Relays
LAA127L IXYS-LAA127L_12 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LBA716 IXYS-LBA716_12 Datasheet
136Kb / 8P
Dual Single-Pole OptoMOS Relays Normally Open & Normally Closed
PAA140 IXYS-PAA140 Datasheet
132Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
PAA140L IXYS-PAA140L Datasheet
123Kb / 7P
Dual Single-Pole, Normally Open, Current-Limiting OptoMOS Relays
PAA150 IXYS-PAA150 Datasheet
115Kb / 5P
Dual Single-Pole, Normally Open OptoMOS Relays
PAA191 IXYS-PAA191 Datasheet
122Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
XAA170 IXYS-XAA170 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com