Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAA140LS Datasheet(PDF) 1 Page - IXYS Corporation

Part # PAA140LS
Description  Dual Single-Pole, Normally Open, Current-Limiting OptoMOS Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PAA140LS Datasheet(HTML) 1 Page - IXYS Corporation

  PAA140LS Datasheet HTML 1Page - IXYS Corporation PAA140LS Datasheet HTML 2Page - IXYS Corporation PAA140LS Datasheet HTML 3Page - IXYS Corporation PAA140LS Datasheet HTML 4Page - IXYS Corporation PAA140LS Datasheet HTML 5Page - IXYS Corporation PAA140LS Datasheet HTML 6Page - IXYS Corporation PAA140LS Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-PAA140L-R04
1
PAA140L
Dual Single-Pole, Normally Open,
Current-Limiting OptoMOS® Relays
e3
Pb
Part #
Description
PAA140L
8-Lead DIP (50/tube)
PAA140LS
8-Lead Surface Mount (50/tube)
PAA140LSTR
8-Lead Surface Mount (1000/Reel)
Parameter
Rating
Units
Load Voltage
400
V
Load Current
200
mA
rms / mADC
On-Resistance (max)
13
Applications
Features
Description
Ordering Information
Pin Configuration
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Hook Switch
• Dial Pulsing
• Ground Start
• Ringing Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• Current Limiting
• 3750V
rms Input/Output Isolation
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Small 8-Pin Package
• Machine Insertable, Wave Solderable
• Tape & Reel Versions Available
Approvals
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 12 11 82667 002
Switching Characteristics
of Normally Open Devices
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
2
3
4
+ Control - Switch #1
– Control - Switch #1
+ Control - Switch #2
– Control - Switch #2
8
7
6
5
Load - Switch #1
AC/DC Configuration
Load - Switch #1
Load - Switch #2
Load - Switch #2
PAA140L is a current-limited, dual, normally open
(1-Form-A) solid state relay that uses optically coupled
MOSFET technology to provide 3750V
rms of input to
output isolation.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
Featuring low on-resistance and very high load current
handling capability, it is suitable for a variety of high
performance switching applications.


Similar Part No. - PAA140LS

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PAA140LS CLARE-PAA140LS Datasheet
128Kb / 6P
Dual Pole OptoMOS Relays
logo
Littelfuse
PAA140LS LITTELFUSE-PAA140LS Datasheet
206Kb / 7P
400V, 200mA Dual Single-Pole
11/18/2025
logo
Clare, Inc.
PAA140LSTR CLARE-PAA140LSTR Datasheet
128Kb / 6P
Dual Pole OptoMOS Relays
logo
Littelfuse
PAA140LSTR LITTELFUSE-PAA140LSTR Datasheet
206Kb / 7P
400V, 200mA Dual Single-Pole
11/18/2025
More results

Similar Description - PAA140LS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LAA125 IXYS-LAA125_12 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
LAA126 IXYS-LAA126_12 Datasheet
123Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
LAA126L IXYS-LAA126L_12 Datasheet
105Kb / 5P
Dual Single-Pole, Normally Open OptoMOS Relays
LAA127L IXYS-LAA127L_12 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relay
LBA716 IXYS-LBA716_12 Datasheet
136Kb / 8P
Dual Single-Pole OptoMOS Relays Normally Open & Normally Closed
PAA110 IXYS-PAA110 Datasheet
133Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
PAA140 IXYS-PAA140 Datasheet
132Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
PAA150 IXYS-PAA150 Datasheet
115Kb / 5P
Dual Single-Pole, Normally Open OptoMOS Relays
PAA191 IXYS-PAA191 Datasheet
122Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
PLA140L IXYS-PLA140L Datasheet
123Kb / 7P
Single-Pole, Normally Open, Current-Limiting OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com