Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSACBC2R8 Datasheet(PDF) 1 Page - TT Electronics.

Part # OVSACBC2R8
Description  Blue-Green Top-View Surface Mount LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSACBC2R8 Datasheet(HTML) 1 Page - TT Electronics.

  OVSACBC2R8 Datasheet HTML 1Page - TT Electronics. OVSACBC2R8 Datasheet HTML 2Page - TT Electronics. OVSACBC2R8 Datasheet HTML 3Page - TT Electronics. OVSACBC2R8 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Issue A
04/06
Page 1 of 4
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Blue-Green Top-View Surface
Mount LED
OVSACBC2R8
x
High intensity with low power consumption
x
White PLCC4 packaged in 8 mm tape on 7” diameter reel
x
Compatible with automatic placement equipment
x
Dimensions: 3.5 x 2.8 x 1.95 mm
x
120°viewing angle
The OVSACBC2R8 is designed for wide angle, uniform light output. Its internal reflector and colorless clear lens
optimize luminous intensity and make it ideal for backlighting applications and for coupling with light guides.
Applications
x
Traffic lights
x
Signal and symbol luminaire
x
Mono-color indicators
x
Backlighting (LCD, switches, displays and illuminated advertising)
x
Interior automotive lighting (instrumentation clusters)
x
Safety marker lights (steps, exit ways)
Product Photo Here
Part Number
Material
Emitted Color
Intensity Typ. mcd
OVSACBC2R8
InGaN
Blue-Green
560
Lens Color
Water Clear
DO NOT LOOK DIRECTLY
AT LED WITH UNSHIELDED
EYES OR DAMAGE TO
RETINA MAY OCCUR.
RoHS
Moisture


Similar Part No. - OVSACBC2R8

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSACBC2R8 OPTEK-OVSACBC2R8 Datasheet
359Kb / 4P
Blue-Green Top-View Surface Mount LED
More results

Similar Description - OVSACBC2R8

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSASBLCR8 OPTEK-OVSASBLCR8 Datasheet
207Kb / 5P
Red Top-View Surface Mount LED with Domed Lens
OVSACBC2R8 OPTEK-OVSACBC2R8 Datasheet
359Kb / 4P
Blue-Green Top-View Surface Mount LED
logo
Everlight Electronics C...
67-31ARSC-AV1W2B9Z5-2T EVERLIGHT-67-31ARSC-AV1W2B9Z5-2T Datasheet
156Kb / 10P
Surface Mount Device (Power Top View LED)
logo
P-tec Corporation
PLBTE3030-YD P-TEC-PLBTE3030-YD Datasheet
1Mb / 11P
1 Watt 3030 Top View Surface Mount LED
logo
LUMEX INC.
SML-LX1206SOC-TR LUMEX-SML-LX1206SOC-TR Datasheet
419Kb / 2P
PCB SURFACE MOUNT TOP VIEW LED
SML-LX1206SRC-TR LUMEX-SML-LX1206SRC-TR_17 Datasheet
420Kb / 2P
PCB SURFACE MOUNT TOP VIEW LED
SML-LX1206SRW-TR LUMEX-SML-LX1206SRW-TR Datasheet
433Kb / 2P
PCB SURFACE MOUNT TOP VIEW LED
SML-LX1206UPGC-TR LUMEX-SML-LX1206UPGC-TR Datasheet
110Kb / 2P
PCB SURFACE MOUNT TOP VIEW LED
SML-LX1206SUGC-TR LUMEX-SML-LX1206SUGC-TR Datasheet
418Kb / 2P
PCB SURFACE MOUNT TOP VIEW LED
logo
TT Electronics.
OVSASBLCR8 TTELEC-OVSASBLCR8 Datasheet
209Kb / 5P
Red Top-View Surface Mount LED with Domed Lens
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com