Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSAGBC2R8 Datasheet(PDF) 2 Page - TT Electronics.

Part # OVSAGBC2R8
Description  Green PLCC4 Surface Mount LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSAGBC2R8 Datasheet(HTML) 2 Page - TT Electronics.

  OVSAGBC2R8 Datasheet HTML 1Page - TT Electronics. OVSAGBC2R8 Datasheet HTML 2Page - TT Electronics. OVSAGBC2R8 Datasheet HTML 3Page - TT Electronics. OVSAGBC2R8 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Issue A
04/06
Page 2 of 4
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Green PLCC4 Surface Mount LED
OVSAGBC2R8
Storage Temperature Range
-40 ~ +100°C
Operating Temperature Range
-40 ~ +100°C
Junction Temperature
110°C
Reverse Voltage
5 V
Continuous Forward Current
30 mA
Peak Forward Current (10% Duty Cycle, PW ≤ 100 µsec)
100 mA
Power Dissipation
140 mW
Junction/Ambient
1
350°C/W
Junction/Solder Point
200°C/W
Absolute Maximum Ratings
TA = 25
o C unless otherwise noted
Electrical Characteristics
TA = 25
o C unless otherwise noted
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
IV
Luminous Intensity
450
700
----
mcd
IF = 30 mA
VF
Forward Voltage
----
3.9
4.6
V
IF = 30 mA
IR
Reverse Current
----
----
10
µA
VR = 5 V
λD
Dominant Wavelength
516
527
536
nm
IF = 30 mA
2 Θ½
50% Power Angle
----
120
----
deg
IF = 30 mA
Important Notes:
1.
All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2.
To designate luminous intensity ranks, please contact OPTEK.
Standard Bins (I
F = 30 mA)
Lamps are sorted to luminous intensity (IV) and dominant wavelength (λD) bins shown.
Orders for OVSAGBC2R8 may be filled with any or all bins contained as below.
Note:
1.
Rth test condition: Mounted on PC board FR 4 (pad size ≥16 mm
2)
1120
900
V2
710
V1
560
U2
450
U1
Dominant Wavelength (nm)
516
536
526
521
531
Xa
Xc
Xb
Xd
Luminous intensity is at
U1 bin or above.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com