Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSASBC2R8 Datasheet(PDF) 3 Page - TT Electronics.

Part # OVSASBC2R8
Description  Red PLCC4 Surface Mount LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSASBC2R8 Datasheet(HTML) 3 Page - TT Electronics.

  OVSASBC2R8 Datasheet HTML 1Page - TT Electronics. OVSASBC2R8 Datasheet HTML 2Page - TT Electronics. OVSASBC2R8 Datasheet HTML 3Page - TT Electronics. OVSASBC2R8 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Issue A
04/06
Page 3 of 4
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Reverse Current vs Reverse Voltage
v
A
50% Power Angle: 120°
°C
Rth j-a=350°C/W
Rth j-s=200°C/W
mA
%
mA
V
mA
Red PLCC4 Surface Mount LED
OVSASBC2R8
Typical Electro-Optical Characteristics Curves
Forward Current vs Forward Voltage
Relative Luminous Intensity vs Wavelength
Maximum Forward DC Current vs Ambient
Temperature
nm
Spatial Distribution
Relative Luminous Intensity vs Forward Current
Half Power WL = 23 nm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com