Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSASBLCR8 Datasheet(PDF) 2 Page - TT Electronics.

Part # OVSASBLCR8
Description  Red Top-View Surface Mount LED with Domed Lens
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSASBLCR8 Datasheet(HTML) 2 Page - TT Electronics.

  OVSASBLCR8 Datasheet HTML 1Page - TT Electronics. OVSASBLCR8 Datasheet HTML 2Page - TT Electronics. OVSASBLCR8 Datasheet HTML 3Page - TT Electronics. OVSASBLCR8 Datasheet HTML 4Page - TT Electronics. OVSASBLCR8 Datasheet HTML 5Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Issue A.1
04/07
Page 2 of 4
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Red Top-View SMD LED with Domed Lens
OVSASBLCR8
Storage Temperature Range
-40 ~ +100°C
Operating Temperature Range
-40 ~ +100°C
Junction Temperature
110°C
Reverse Voltage
5 V
Continuous Forward Current
70 mA
Peak Forward Current (10% Duty Cycle, PW ≤ 100 µsec)
200 mA
Power Dissipation
225 mW
Absolute Maximum Ratings
TA = 25
o C unless otherwise noted
Electrical Characteristics
TA = 25
o C unless otherwise noted
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
IV
Luminous Intensity
1400
2200
3550
mcd
IF = 50 mA
VF
Forward Voltage
----
2.5
3.2
V
IF = 50 mA
IR
Reverse Current
----
----
10
µA
VR = 5 V
λD
Dominant Wavelength
620
628
635
nm
IF = 50 mA
2 Θ½
50% Power Angle
----
60
----
deg
IF = 50 mA
ΦV
Luminous Flux
----
2550
----
mlm
IF = 50 mA
Standard Bins (I
F = 50 mA)
Lamps are sorted to luminous intensity (IV) and dominant wavelength (λD) bins shown.
Orders for OVSASBLCR8 may be filled with any or all bins contained as below.
Notes:
1. All ranks will be included per delivery. Rank ratio will be based on the chip distribution.
2. To designate luminous intensity ranks, please contact OPTEK.
Y1
X2
X1
W2
Dominant Wavelength (nm)
635
628
1400
1800
3500
2800
2240
620



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com