Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSRRGBBC9 Datasheet(PDF) 3 Page - TT Electronics.

Part # OVSRRGBBC9
Description  Full-Color Right-Angle SMD (120째 Viewing Angle)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSRRGBBC9 Datasheet(HTML) 3 Page - TT Electronics.

  OVSRRGBBC9 Datasheet HTML 1Page - TT Electronics. OVSRRGBBC9 Datasheet HTML 2Page - TT Electronics. OVSRRGBBC9 Datasheet HTML 3Page - TT Electronics. OVSRRGBBC9 Datasheet HTML 4Page - TT Electronics. OVSRRGBBC9 Datasheet HTML 5Page - TT Electronics. OVSRRGBBC9 Datasheet HTML 6Page - TT Electronics. OVSRRGBBC9 Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
10/05
Page 3 of 7
Full-Color Right-Angle SMD
OVSRRGBBC9
Electrical Characteristics
Notes:
1.
Luminous intensity tolerance is ± 10%.
2.
Dominant wavelength tolerance is ± 1 nm.
3.
Forward voltage tolerance is ± 0.1 V.
BLUE
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
IV
Luminous Intensity
(axial direction)
28.5
45
----
mcd
IF = 20 mA
2 ½
Viewing Angle
----
120
----
deg
IF = 20 mA
P
Peak Wavelength
----
468
----
nm
IF = 20 mA
D
Dominant Wavelength
460
----
480
nm
IF = 20 mA
¨
Spectrum Radiation Bandwidth
----
35
----
nm
IF = 20 mA
VF
Forward Voltage
----
3.3
3.9
V
IF = 20 mA
IR
Reverse Current
----
----
50
µA
VR = 5 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com