Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSPYBCR44 Datasheet(PDF) 2 Page - TT Electronics.

Part # OVSPYBCR44
Description  1-Watt SMD 6x6mm With Dome Lens
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSPYBCR44 Datasheet(HTML) 2 Page - TT Electronics.

  OVSPYBCR44 Datasheet HTML 1Page - TT Electronics. OVSPYBCR44 Datasheet HTML 2Page - TT Electronics. OVSPYBCR44 Datasheet HTML 3Page - TT Electronics. OVSPYBCR44 Datasheet HTML 4Page - TT Electronics. OVSPYBCR44 Datasheet HTML 5Page - TT Electronics. OVSPYBCR44 Datasheet HTML 6Page - TT Electronics. OVSPYBCR44 Datasheet HTML 7Page - TT Electronics. OVSPYBCR44 Datasheet HTML 8Page - TT Electronics. OVSPYBCR44 Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Issue B 11/2011
Page 2 of 11
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Absolute Maximum Ratings (TA = 25
o C unless otherwise noted)
Storage Temperature Range
-40 ~ +100 °C
Operating Temperature Range
-40 ~ +100 °C
Reverse Voltage
Blue, White
Not designed for reverse bias
Green
5 V
Red, Yellow
12V
Continuous Forward Current
Blue, Green, White
350 mA
Red, Yellow
400 mA
Peak Forward Current (10% Duty Cycle, 1 kHz)
Blue, Green
1000 mA
Red, Yellow, White
500 mA
1200 mW
LED Junction Temperature
Blue, Green
120°C
Red, Yellow, White
125°C
Electrostatic Discharge Classification (JEDEC-JESD22-A114F)
Class 2
Moisture Sensitivity Level (IPC/JEDEC J-STD-020C)
2a / 672 Hrs
Lead Soldering Temperature (3 mm from the base of the epoxy bulb)
260° C / 5 seconds
Power Dissipation
Electrical Characteristics (TA = 25
o C unless otherwise noted)
SYMBOL
PARAMETER
COLOR
MIN
TYP
MAX
UNITS
CONDITIONS
IV
Blue
11,250
18,000
22,400
mcd
IF = 350 mA
Green
45,000
67,500
90,000
Red
35,500
56,000
71,500
IF = 400 mA
Yellow
35,500
45,000
56,000
VF
Forward Voltage
Blue, Green
3.0
3.6
4.0
V
IF = 350 mA
Red, Yellow
2.2
2.5
2.8
IF = 400 mA
λD
Dominant Wavelength
Blue
455
460
465
nm
IF = 350 mA
Green
520
528
535
Red
620
625
630
IF = 400 mA
Yellow
585
591
597
2Θ½H-H
50% Power Angle
Blue
----
45
----
deg
Green
40
Red
40
Yellow
40
Luminous Intensity
1-Watt SMD 6x6mm Dome Lens
OVSPxBCR44 Series
Electrical Characteristics—White (IF = 350 mA, TJ = 25° C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VF
Forward Voltage
3.0
3.5
4.0
V
Φ
Luminous Flux
----
62
----
lm
IV
Luminous Intensity
45,000
56,000
71,500
mcd
2 Θ½
50% Power Angle
----
70
----
deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com