Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSPWBCR44 Datasheet(PDF) 2 Page - TT Electronics.

Part # OVSPWBCR44
Description  1-Watt SMD 6mm With Dome Lens
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSPWBCR44 Datasheet(HTML) 2 Page - TT Electronics.

  OVSPWBCR44 Datasheet HTML 1Page - TT Electronics. OVSPWBCR44 Datasheet HTML 2Page - TT Electronics. OVSPWBCR44 Datasheet HTML 3Page - TT Electronics. OVSPWBCR44 Datasheet HTML 4Page - TT Electronics. OVSPWBCR44 Datasheet HTML 5Page - TT Electronics. OVSPWBCR44 Datasheet HTML 6Page - TT Electronics. OVSPWBCR44 Datasheet HTML 7Page - TT Electronics. OVSPWBCR44 Datasheet HTML 8Page - TT Electronics. OVSPWBCR44 Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Issue A.1 10/07
Page 2 of 11
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VF
Forward Voltage
2.2
2.5
2.8
V
Luminous Flux
Red
22
30
35
lm
Yellow
25
35
49
lm
IV
Luminous Intensity
Red
28.5
40
45
cd
Yellow
28.5
45
56
cd
D
Red
620
625
630
nm
Yellow
585
589
597
nm
IR
Reverse Current @ 12V
----
100
----
µA
2 ½
50% Power Angle
----
40
----
deg
Dominant Wavelength
1-Watt SMD 6mm Dome Lens
OVSPxBCR44 Series
Absolute Maximum Ratings TA = 25°C
Notes:
1. Pulse width tp
2. Thermal resistance = 20K/W for red and yellow; and 18K/W for white
Optical and Electrical Characteristics—Red, Yellow (IF = 400 mA, TA = 25°C)
Red, Yellow
Warm White
DC Forward Current
400mA
350mA
Peak Pulsed For-
500mA
1000mA
Reverse Voltage
12V
Not designed for reverse bias
Junction Tempera-
Power Dissipation
1200mW
Storage and Oper-
-40°~ +100 °C
ESD Threshold
2000V
125°C
White
350mA
1000mA
Not designed for reverse bias
Optical and Electrical Characteristics—White, Warm White (IF = 350 mA, TA = 25°C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VF
----
3.6
4.0
V
Luminous Flux
White
39
52
61
lm
Warm White
25
40
50
lm
IV
Luminous Intensity
White
35.5
42
56
cd
Warm White
9
13
18
cd
IR
Reverse Current
----
10
----
µA
2 ½
50% Power Angle
----
60
----
deg
Forward Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com