Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSPWWBCR44 Datasheet(PDF) 1 Page - TT Electronics.

Part # OVSPWWBCR44
Description  1-Watt SMD 6mm With Dome Lens
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSPWWBCR44 Datasheet(HTML) 1 Page - TT Electronics.

  OVSPWWBCR44 Datasheet HTML 1Page - TT Electronics. OVSPWWBCR44 Datasheet HTML 2Page - TT Electronics. OVSPWWBCR44 Datasheet HTML 3Page - TT Electronics. OVSPWWBCR44 Datasheet HTML 4Page - TT Electronics. OVSPWWBCR44 Datasheet HTML 5Page - TT Electronics. OVSPWWBCR44 Datasheet HTML 6Page - TT Electronics. OVSPWWBCR44 Datasheet HTML 7Page - TT Electronics. OVSPWWBCR44 Datasheet HTML 8Page - TT Electronics. OVSPWWBCR44 Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Issue A.1 10/07
Page 1 of 11
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
1-Watt SMD 6mm
With Dome Lens
OVSPxBCR44 Series
x
Robust energy-efficient design with long operating life
x
Low thermal resistance
x
Exceptional spatial uniformity
x
Optional optics to suit application
x
Available in yellow, red and white
The OVSPxBCR44 Series is an energy-efficient packaged LED source that offers high luminance, and a long
operating lifespan. These devices offer a focused viewing angle and a water-clear lens, making them highly
suitable for conventional lighting and specialized applications. Optional optics are offered to suit application.
Please contact OPTEK for more information.
Applications
x
Automotive exterior and interior lighting
x
Architectural indoor and outdoor lighting
x
General lighting
x
Electronic signs and signals
DO NOT LOOK DIRECTLY
AT LED WITH UNSHIELDED
EYES OR DAMAGE TO
RETINA MAY OCCUR.
RoHS
Moisture
2
ORIENTATION MARK
POLARITY VARIES BY COLOR
Red, Yellow White
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Part Number
Viewing Angle Emitted Color
Typical Luminous
Flux (lm)
Typical On-Axis
Intensity (cd)
Lens Color
40°
OVSPRBCR44
Red
30
37
Water Clear
OVSPYBCR44
Yellow
35
45
Water Clear
OVSPWBCR44
White
52
42
Water Clear
40°
60°
OVSPWWBCR44
60°
Warm White
40
30
Water Clear


Similar Part No. - OVSPWWBCR44

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVSPW1BCR4 TTELEC-OVSPW1BCR4 Datasheet
1Mb / 9P
Robust energy-efficient design with long operating life
OVSPW1BCR4 TTELEC-OVSPW1BCR4 Datasheet
897Kb / 7P
Robust energy-efficient design with long operating life
OVSPW1BCR4 TTELEC-OVSPW1BCR4 Datasheet
1Mb / 9P
Low thermal resistance
OVSPW1BCR44 TTELEC-OVSPW1BCR44 Datasheet
792Kb / 11P
1-Watt SMD 6x6mm With Dome Lens
OVSPW7CR8 TTELEC-OVSPW7CR8 Datasheet
850Kb / 6P
1-Watt SMD White LED Lamp (7mm)
More results

Similar Description - OVSPWWBCR44

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSPRBCR44 OPTEK-OVSPRBCR44 Datasheet
601Kb / 9P
1-Watt SMD 6mm With Dome Lens
logo
Vishay Siliconix
VLDS1235 VISHAY-VLDS1235 Datasheet
238Kb / 11P
Dome Lens SMD LED
27-Feb-15
VLDX1235 VISHAY-VLDX1235 Datasheet
319Kb / 13P
Dome Lens SMD LED
07-Jun-17
VLDX1535 VISHAY-VLDX1535 Datasheet
322Kb / 11P
Dome Lens SMD LED
07-Mar-17
logo
TT Electronics.
OVSPW1BCR44 TTELEC-OVSPW1BCR44 Datasheet
792Kb / 11P
1-Watt SMD 6x6mm With Dome Lens
logo
HK TO-GRACE TECHNOLOGY ...
VLDB1232G-08 TO-GRACE-VLDB1232G-08 Datasheet
745Kb / 10P
Dome Lens SMD LED
VLDS1235G TO-GRACE-VLDS1235G Datasheet
1Mb / 13P
Dome Lens SMD LED
VLDS1535G-08 TO-GRACE-VLDS1535G-08 Datasheet
905Kb / 11P
Dome Lens SMD LED
logo
Vishay Siliconix
VLDTG1232 VISHAY-VLDTG1232_V01 Datasheet
235Kb / 10P
Dome Lens SMD LED
12-Feb-2019
VLDY1235 VISHAY-VLDY1235_V02 Datasheet
317Kb / 13P
Dome Lens SMD LED
07-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com